Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 63Page - STMicroelectronics ST25TV02K Datasheet HTML 64Page - STMicroelectronics ST25TV02K Datasheet HTML 65Page - STMicroelectronics ST25TV02K Datasheet HTML 66Page - STMicroelectronics ST25TV02K Datasheet HTML 67Page - STMicroelectronics ST25TV02K Datasheet HTML 68Page - STMicroelectronics ST25TV02K Datasheet HTML 69Page - STMicroelectronics ST25TV02K Datasheet HTML 70Page - STMicroelectronics ST25TV02K Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
•
Number of blocks
Table 140. Inventory read response format
Response SOF
Request_flags
DSFID
UID
Block security status (1)
Data
CRC16 request
EOF
-
8 bits
8 bits
64 bits
8 bits (2)
32 bits (2)
16 bits
-
1. The field is optional.
2. The group of Block security status (if any), and its data are repeated if needed, for up to the number of blocks requested.
Request parameter:
•
Unique ID
•
Block security status if Option_flag is set (see Table 46. Block security status)
•
N blocks of data
Table 141. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use.
All at 0.
0: Current block not locked
1: Current block locked
During an Inventory Read process, if the VCD does not receive an RF ST25TV02K/512 response, it waits t3 time
before sending an EOF to switch to the next slot. t3 starts from the rising edge of the request EOF sent by the
VCD.
•
If the VCD sends a 100% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3 μs) + tSOF
•
If the VCD sends a 10% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3 μs) + tNRT
•
where:
tSOF is the time required by the ST25TV02K/512 to transmit an SOF to the VCD
tNRT is the nominal response time of the ST25TV02K/512
tNRT and tSOF are dependent on the ST25TV02K/512-to-VCD data rate and subcarrier modulation mode.
6.4.38
Fast inventory read
The Fast inventory read performs an inventory followed by a multiple block read.
The response is at twice the data rate.
If an error is detected, no matter if on the inventory or the read part, ST25TV02K/512 do not answer.
The request contains:
Table 142. Fast Inventory read request format
Response
SOF
Request_flags
Fast
inventory
read
IC Mfg
code
AFI (1)
Mask
length
Mask
value
First block
number
Number of
blocks
CRC16
request
EOF
-
8 bits
D4h
02h
8 bits
8 bits
8 bits
0 -64 bits
8 bits
16 bits
-
1. The field is optional.
Response parameter:
•
Request flags. The Nb_slots flag (bit 6) of the Request flags bits 5 to 8 described in , must be set to 1 for 1
slot inventory. 16 slot inventory is not supported in the Fast Inventory read command
•
Fast Inventory read command code
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 67/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com