Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV02K Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 8Page - STMicroelectronics ST25TV02K Datasheet HTML 9Page - STMicroelectronics ST25TV02K Datasheet HTML 10Page - STMicroelectronics ST25TV02K Datasheet HTML 11Page - STMicroelectronics ST25TV02K Datasheet HTML 12Page - STMicroelectronics ST25TV02K Datasheet HTML 13Page - STMicroelectronics ST25TV02K Datasheet HTML 14Page - STMicroelectronics ST25TV02K Datasheet HTML 15Page - STMicroelectronics ST25TV02K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
Table 9. A2SS
RF
Command
Read Configuration (cmd code A0h) @01h
Write Configuration (cmd code A1h) @01h
Type
R always, W if configuration security session is open and configuration not locked
Bit
Name
Function
Factory value
b1-b0
RW_PROTECTION_A2
Area 2 access rights:
00: Area 2 access: Read and write are always allowed
01: Area 2 access: Read is always allowed, and if the user
security session is open (i.e. the proper Area 2 password has been
presented), then write is allowed.
10: Area 2 access: Read and Write are allowed only if the user
security session is open (the proper Area 2 password has been
presented)
11: Area 2 access: Read is allowed only if user security session is
open (the proper Area 2 password has been presented). Write is
always forbidden.
00b
b7-b2
RFU
-
000000b
Note:
Refer to Table 4. System configuration memory map accessible through write_cfg and read_cfg commands
Table 10. LOCK_CFG
RF
Command
Read Configuration (cmd code A0h) @06h
Write Configuration (cmd code A1h) @06h
Type
R: always possible
W: if RF configuration security session is open (configuration password has been presented
before) and configuration not locked
Bit
Name
Function
Factory value
b0
LCK_CFG
0: Configuration is unlocked (configuration registers can be written)
1: Configuration is locked (configuration registers are definitively
locked)
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 4. System configuration memory map accessible through write_cfg and read_cfg commands
Table 11. PWD_CFG
RF
Command
Write pswd (cmd code B1h) with pswd_id = 3h
Type
WO: if RF configuration security session is open (configuration password has been presented
before). If the configuration is locked, and the EAS configuration is protected by password, the
new PWD_CFG value is only applicable to the EAS configuration.
Bit
Name
Function
Factory value
b31-b0
CFG_PSWD
Password value for configuration area
00000000h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands
ST25TV02K ST25TV512
Data protection
DS12074 - Rev 11
page 12/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com