Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 3 Page - NXP Semiconductors

  MMPF0200 Datasheet HTML 1Page - NXP Semiconductors MMPF0200 Datasheet HTML 2Page - NXP Semiconductors MMPF0200 Datasheet HTML 3Page - NXP Semiconductors MMPF0200 Datasheet HTML 4Page - NXP Semiconductors MMPF0200 Datasheet HTML 5Page - NXP Semiconductors MMPF0200 Datasheet HTML 6Page - NXP Semiconductors MMPF0200 Datasheet HTML 7Page - NXP Semiconductors MMPF0200 Datasheet HTML 8Page - NXP Semiconductors MMPF0200 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
NXP Semiconductors
3
PF0200
ORDERABLE PARTS
1
Orderable parts
The PF0200 is available with both pre-programmed and non-programmed OTP memory configurations. The non-programmed device
uses “NP” as the programming code. The pre-programmed devices are identified using the program codes from Table 1, which also list
the associated NXP reference designs where applicable. Details of the OTP programming for each device can be found in Table 8.
Contact your NXP representative for more details.
Table 1. Orderable part variations
Part number
Temperature (TA)
Package
Programming
Reference designs
Qualification tier
Notes
MMPF0200NPAEP
-40 to 85 °C
56 QFN 8x8 mm - 0.5 mm pitch
E-Type QFN (full lead)
NP
N/A
Consumer
(2)(1)
MMPF0200F0AEP
F0
N/A
(2)(1)
MMPF0200F3AEP
F3
N/A
(2)(1)
MMPF0200F4AEP
F4
N/A
(2)(1)
MMPF0200F6AEP
F6
i.MX6SX-SDB
(2)(1)
MMPF0200F0ANES
-40 to 105 °C
56 QFN 8x8 mm - 0.5 mm pitch
WF-Type QFN (wettable flank)
F0
N/A
Extended Industrial
(2)(1)
MMPF0200F3ANES
F3
N/A
(2)(1)
MMPF0200F4ANES
F4
N/A
(2)(1)
Notes
1.
For Tape and Reel add an R2 suffix to the part number.
2.
For programming details see Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com