Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 60Page - NXP Semiconductors MMPF0200 Datasheet HTML 61Page - NXP Semiconductors MMPF0200 Datasheet HTML 62Page - NXP Semiconductors MMPF0200 Datasheet HTML 63Page - NXP Semiconductors MMPF0200 Datasheet HTML 64Page - NXP Semiconductors MMPF0200 Datasheet HTML 65Page - NXP Semiconductors MMPF0200 Datasheet HTML 66Page - NXP Semiconductors MMPF0200 Datasheet HTML 67Page - NXP Semiconductors MMPF0200 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 115 page
background image
64
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Besides the output voltage configuration, the LDOs can be enabled or disabled at anytime during normal mode operation, as well as
programmed to stay “ON” or be disabled when the PMIC enters Standby mode. Each regulator has associated I2C bits for this. Table 78
presents a summary of all valid combinations of the control bits on VGENxCTL register and the expected behavior of the LDO output.
For more detail information, Table 79 through Table 84 provide a description of all registers necessary to operate all six general purpose
LDO regulators.
Table 77. VGEN3/ 4/ 5/ 6 output voltage configuration
Set point
VGENx[3:0]
VGENx output (V)
00000
1.80
10001
1.90
20010
2.00
30011
2.10
40100
2.20
50101
2.30
60110
2.40
70111
2.50
81000
2.60
91001
2.70
10
1010
2.80
11
1011
2.90
12
1100
3.00
13
1101
3.10
14
1110
3.20
15
1111
3.30
Table 78. LDO control
VGENxEN
VGENxLPWR
VGENxSTBY
STANDBY(55)
VGENxOUT
0X
X
X
Off
10
0
X
On
1
1
0
X
Low Power
1X
1
0
On
10
1
1
Off
1
1
1
1
Low Power
Notes
55.
STANDBY refers to a Standby event as described earlier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com