Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 32Page - NXP Semiconductors MMPF0200 Datasheet HTML 33Page - NXP Semiconductors MMPF0200 Datasheet HTML 34Page - NXP Semiconductors MMPF0200 Datasheet HTML 35Page - NXP Semiconductors MMPF0200 Datasheet HTML 36Page - NXP Semiconductors MMPF0200 Datasheet HTML 37Page - NXP Semiconductors MMPF0200 Datasheet HTML 38Page - NXP Semiconductors MMPF0200 Datasheet HTML 39Page - NXP Semiconductors MMPF0200 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 115 page
background image
36
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.3
SW1A/B
SW1A/B is a 2.5 A single phase regulator. The SW1ALX and SW1BLX pins should be connected together on the board.
SW1_CONFIG[1:0] = 01 is the only configuration supported.
The single phase configuration is programmed by OTP by using SW1_CONFIG[1:0] bits in the register map Extended page 1, as shown
in Table 38.
.
SW1A/B single phase
In this configuration, SW1A/B is connected as a single phase with a single inductor. This configuration allows reduced component count
by using only one inductor for SW1A/B. Figure 11 shows the physical connection for SW1A/B in single phase.
Figure 11. SW1A/B single phase block diagram
Both SW1ALX and SW1BLX nodes operate at the same DVS, frequency, and phase configured by the SW1ABCONF register.
SW3B
SW3B_PWRSTG[2:0]
ISW3BMAX
0
0
1
40%
0.5
0
1
1
80%
1.0
1
0
1
60%
0.75
1
1
1
100%
1.25
Table 38. SW1 configuration
SW1_CONFIG[1:0]
Description
00
Reserved
01
A/B Single Phase
10
Reserved
11
Reserved
Table 37. Programmable current configuration (continued)
Regulators
Control bits
% of power stages enabled
Rated current (A)
Driver
Controller
SW1AIN
SW1ALX
SW1FB
ISENSE
COSW1A
CINSW1A
LSW1A
I2C
Interface
SW1A/B
SW1AMODE
SW1AFAULT
VIN
Driver
Controller
SW1BIN
SW1BLX
ISENSE
CINSW1B
EP
SW1BMODE
SW1BFAULT
VIN
EA
Z1
Z2
Internal
Compensation
VREF
DAC
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com