Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 1 Page - NXP Semiconductors

  MMPF0200 Datasheet HTML 1Page - NXP Semiconductors MMPF0200 Datasheet HTML 2Page - NXP Semiconductors MMPF0200 Datasheet HTML 3Page - NXP Semiconductors MMPF0200 Datasheet HTML 4Page - NXP Semiconductors MMPF0200 Datasheet HTML 5Page - NXP Semiconductors MMPF0200 Datasheet HTML 6Page - NXP Semiconductors MMPF0200 Datasheet HTML 7Page - NXP Semiconductors MMPF0200 Datasheet HTML 8Page - NXP Semiconductors MMPF0200 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
Document Number: MMPF0200
Rev. 8, 4/2022
NXP Semiconductors
Data Sheet: Technical Data
© NXP B.V. 2022.
12 channel configurable power
management integrated circuit
The PF0200 Power Management Integrated Circuit (PMIC) provides a highly
programmable/ configurable architecture, with fully integrated power devices
and minimal external components. With up to four buck converters, one boost
regulator, six linear regulators, RTC supply, and coin-cell charger, the PF0200
can provide power for a complete system, including applications processors,
memory, and system peripherals, in a wide range of applications. With on-chip
One Time Programmable (OTP) memory, the PF0200 is available in pre-
programmed standard versions, or non-programmed to support custom
programming. The PF0200 is especially suited to the i.MX 6SoloLite,
i.MX 6Solo and i.MX 6DualLite versions of the i.MX 6 family of devices and is
supported by full system level reference designs, and pre-programmed
versions of the device. This device is powered by SMARTMOS technology.
Features:
• Three to four buck converters, depending on configuration
• Boost regulator to 5.0 V output
• Six general purpose linear regulators
• Programmable output voltage, sequence, and timing
• OTP (One Time Programmable) memory for device configuration
• Coin cell charger and RTC supply
• DDR termination reference voltage
• Power control logic with processor interface and event detection
•I2C control
• Individually programmable ON, OFF, and Standby modes
Figure 1. Simplified application diagram
POWER MANAGEMENT
PF0200
EP SUFFIX (E-TYPE)
56 QFN 8X8
98ASA00405D
Applications
• Tablets
•IPTV
• Industrial Control
• Medical monitoring
• Home automation/ alarm/ energy management
ES SUFFIX (WF-TYPE)
56 QFN 8X8
98ASA00589D
VGEN3
VGEN5
Camera
Audio
Codec
Cluster/HUD
External AMP
Microphones
Speakers
Front USB
POD
Rear USB
POD
Rear Seat
Infotaiment
Sensors
i.MX6X
I2C Communication
I
2C Communication
PF0200
Control Signals
Parallel control/GPIOS
LICELL
Charger
COINCELL
Main Supply
VGEN1
VGEN2
VGEN4
VGEN6
SWBST
SW3A/B
SW1A/B
SW2
GPS
MIPI
uPCIe
SATA - FLASH
NAND - NOR
Interfaces
Processor Core
Voltages
Camera
VREFDDR
DDR Memory
DDR MEMORY
INTERFACE
SD-MMC/
NAND Mem.
SATA
HDD
WAM
GPS
MIPI
HDMI
LDVS Display
USB
Ethernet
CAN


Similar Part No. - MMPF0200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMPF0200 NXP-MMPF0200 Datasheet
2Mb / 114P
12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0200F0AEP NXP-MMPF0200F0AEP Datasheet
2Mb / 114P
12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0200F0AEP NXP-MMPF0200F0AEP Datasheet
2Mb / 114P
12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0200F0ANES NXP-MMPF0200F0ANES Datasheet
2Mb / 114P
12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0200F3AEP NXP-MMPF0200F3AEP Datasheet
2Mb / 114P
12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
More results

Similar Description - MMPF0200

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMPF0100 FREESCALE-MMPF0100 Datasheet
2Mb / 136P
14 Channel Configurable Power Management Integrated Circuit
logo
NXP Semiconductors
MMPF0200F0AEP NXP-MMPF0200F0AEP Datasheet
2Mb / 114P
12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0100Z NXP-MMPF0100Z Datasheet
2Mb / 128P
14 channel configurable power management integrated circuit
Rev. 12.0, 8/2016
MMPF0200 NXP-MMPF0200 Datasheet
2Mb / 114P
12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
PF8100 NXP-PF8100 Datasheet
1Mb / 131P
12-channel power management integrated circuit for high performance applications
Rev. 9.0-19 November 2019
MMPF0200Z NXP-MMPF0200Z Datasheet
2Mb / 118P
12 Channel Configurable Power Management Integrated Circuit
Rev. 2.0, 11/2014
MMPF0100 NXP-MMPF0100 Datasheet
1Mb / 136P
14 channel configurable power management integrated circuit
Rev. 18, 7/2019
MMPF0100 NXP-MMPF0100_V01 Datasheet
2Mb / 137P
14 channel configurable power management integrated circuit
Rev. 19, 4/2022
MMPF0100 NXP-MMPF0100_V02 Datasheet
1Mb / 137P
14 channel configurable power management integrated circuit
Rev. 20, 5/2022
PF0100Z NXP-PF0100Z Datasheet
1Mb / 128P
14 channel configurable power management integrated circuit
Rev. 13.0, 5/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com