Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 71Page - NXP Semiconductors MMPF0200 Datasheet HTML 72Page - NXP Semiconductors MMPF0200 Datasheet HTML 73Page - NXP Semiconductors MMPF0200 Datasheet HTML 74Page - NXP Semiconductors MMPF0200 Datasheet HTML 75Page - NXP Semiconductors MMPF0200 Datasheet HTML 76Page - NXP Semiconductors MMPF0200 Datasheet HTML 77Page - NXP Semiconductors MMPF0200 Datasheet HTML 78Page - NXP Semiconductors MMPF0200 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 115 page
background image
NXP Semiconductors
75
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN5 active mode – DC (continued)
IGEN5Q
Quiescent Current
No load, Change in IVIN and IVIN3
When VGEN5 enabled
–13
–
μA
VGEN5 AC and transient
PSRRVGEN5
PSRR
•IGEN5 = 75 mA, 20 Hz to 20 kHz
VGEN5[3:0] = 0000 - 1111, VIN3 = VIN3MIN + 100 mV
VGEN5[3:0] = 0000 - 1111, VIN3 = VGEN5NOM + 1.0 V
35
52
40
60
–
–
dB
(64)
NOISEVGEN5
Output Noise Density
•VIN3 = VIN3MIN, IGEN5 = 75 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
SLWRVGEN5
Turn-on Slew Rate
• 10% to 90% of end value
•VIN3MIN ≤ VIN3 ≤ 4.5 mV, IGEN5 = 0.0 mA
VGEN5[3:0] = 0000 to 0011
VGEN5[3:0] = 0100 to 0111
VGEN5[3:0] = 1000 to 1011
VGEN5[3:0] = 1100 to 1111
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
/μs
GEN5tON
Turn-on Time
Enable to 90% of end value, VIN3 = VIN3MIN, 4.5 V
IGEN5 = 0.0 mA
60
–
500
μs
GEN5tOFF
Turn-off Time
Disable to 10% of initial value, VIN3 = VIN3MIN
IGEN5 = 0.0 mA
––
10
ms
GEN5OSHT
Start-up Overshoot
VIN3 = VIN3MIN, 4.5 V, IGEN5 = 0.0 mA
–1.0
2.0
%
VGEN5LOTR
Transient Load Response
VIN3 = VIN3MIN, 4.5 V
IGEN5 = 10 to 100 mA in 1.0 μs
Peak of overshoot or undershoot of VGEN5 with respect to final
value.
Refer to Figure 20
––
3.0
%
VGEN5LITR
Transient Line Response
IGEN5 = 75 mA
VIN3INITIAL = 2.8 V to VIN3FINAL = 3.3 V for
VGEN5[3:0] = 0000 to 0111
VIN3INITIAL = VGEN5+0.3 V to VIN3FINAL = VGEN5+0.8 V for
VGEN5[3:0] = 1000 to 1111
Refer to Figure 20
-5.0
8.0
mV
Notes
63.
When the LDO Output voltage is set above 2.6 V the minimum allowed input voltage need to be at least the output voltage plus 0.25 V for proper
regulation due to the dropout voltage generated through the internal LDO transistor.
64.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test. VIN3MIN refers to the minimum allowed input voltage for a particular output voltage.
Table 90. VGEN5 electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN3 = 3.6 V,
VGEN5[3:0] = 1111, IGEN5 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111, IGEN5 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com