Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 42Page - NXP Semiconductors MMPF0200 Datasheet HTML 43Page - NXP Semiconductors MMPF0200 Datasheet HTML 44Page - NXP Semiconductors MMPF0200 Datasheet HTML 45Page - NXP Semiconductors MMPF0200 Datasheet HTML 46Page - NXP Semiconductors MMPF0200 Datasheet HTML 47Page - NXP Semiconductors MMPF0200 Datasheet HTML 48Page - NXP Semiconductors MMPF0200 Datasheet HTML 49Page - NXP Semiconductors MMPF0200 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 115 page
background image
46
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
SW2 external components
SW2 specifications
Table 55. SW2 external component recommendations
Components
Description
Values
CINSW2(43)
SW2 Input capacitor
4.7
μF
CIN2HF(43)
SW2 Decoupling input capacitor
0.1
μF
COSW2(43)
SW2 Output capacitor
2 x 22
μF
LSW2
SW2 Inductor
1.0
μH
DCR = 50 m
Ω
ISAT = 2.65 A
Notes
43.
Use X5R or X7R capacitors.
Table 56. SW2 electrical characteristics
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = VINSW2 = 3.6 V, VSW2 =
3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical
values are characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless
otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Switch mode supply SW2
VINSW2
Operating Input Voltage
2.8
–
4.5
V
(44)
VSW2
Nominal Output Voltage
–
Table 48
–V
VSW2ACC
Output Voltage Accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW2 < 1.5 A
0.625 V < VSW2 < 0.85 V
0.875 V < VSW2 < 1.975 V
2.0 V < VSW2 < 3.3 V
• PFM, 2.8 V < VIN < 4.5 V, 0 < ISW2 ≤ 50 mA
0.625 V < VSW2 < 0.675 V
0.7 V < VSW2 < 0.85 V
0.875 V < VSW2 < 1.975 V
2.0 V < VSW2 < 3.3 V
-25
-3.0%
-6.0%
-65
-45
-3.0%
-3.0%
–
–
–
–
–
–
–
25
3.0%
6.0%
65
45
3.0%
3.0%
mV
%
(45)
ISW2
Rated Output Load Current
2.8 V < VIN < 4.5 V, 0.625 V < VSW2 < 3.3 V
–
–
1500
mA
(46)
ISW2LIM
Current Limiter Peak Current Detection
• Current through Inductor
SW2ILIM = 0
SW2ILIM = 1
2.1
1.57
3.0
2.25
3.9
2.93
A
VSW2OSH
Start-up Overshoot
ISW2 = 0.0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW2 = 4.5 V
––
66
mV
tONSW2
Turn-on Time
Enable to 90% of end value
ISW2 = 0.0 mA
DVS clk = 50 mV/8
μs, VIN = VINSW2 = 4.5 V
–
–
550
µs
fSW2
Switching Frequency
SW2FREQ[1:0] = 00
SW2FREQ[1:0] = 01
SW2FREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com