Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 52Page - NXP Semiconductors MMPF0200 Datasheet HTML 53Page - NXP Semiconductors MMPF0200 Datasheet HTML 54Page - NXP Semiconductors MMPF0200 Datasheet HTML 55Page - NXP Semiconductors MMPF0200 Datasheet HTML 56Page - NXP Semiconductors MMPF0200 Datasheet HTML 57Page - NXP Semiconductors MMPF0200 Datasheet HTML 58Page - NXP Semiconductors MMPF0200 Datasheet HTML 59Page - NXP Semiconductors MMPF0200 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 115 page
background image
56
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
SW3A/B external components
SW3A/B specifications
Table 70. SW3A/B external component requirements
Mode
Components
Description
SW3A/B single
phase
SW3A independent
SW3B independent
CINSW3A(48)
SW3A Input capacitor
4.7
μF4.7 μF
CIN3AHF(48)
SW3A Decoupling input capacitor
0.1
μF0.1 μF
CINSW3B(48)
SW3B Input capacitor
4.7
μF4.7 μF
CIN3BHF(48)
SW3B Decoupling input capacitor
0.1
μF0.1 μF
COSW3A(48)
SW3A Output capacitor
4 x 22
μF2 x 22 μF
COSW3B(48)
SW3B Output capacitor
–
2 x 22
μF
LSW3A
SW3A Inductor
1.0
μH
DCR = 50 m
Ω
ISAT = 3.9 A
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
LSW3B
SW3B Inductor
–
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
Notes
48.
Use X5R or X7R capacitors.
Table 71. SW3A/B electrical characteristics
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = VINSW3x = 3.6 V,
VSW3x = 1.5 V, ISW3x = 100 mA, SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single phase and
independent mode unless, otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
P
arameter
Min.
Typ.
Max.
Unit
Notes
Switch mode supply SW3a/B
VINSW3x
Operating Input Voltage(49)
2.8
–
4.5
V
VSW3x
Nominal Output Voltage
-
Table 58
-V
VSW3xACC
Output Voltage Accuracy
• PWM, APS 2.8 V < VIN < 4.5 V, 0 < ISW3x < ISW3xMAX
0.625 V < VSW3x < 0.85 V
0.875 V < VSW3x < 1.975 V
2.0 V < VSW3x < 3.3 V
• PFM , steady state (2.8 V < VIN < 4.5 V, 0 < ISW3x < 50 mA)
0.625 V < VSW3x < 0.675 V
0.7 V < VSW3x < 0.85 V
0.875 V < VSW3x < 1.975 V
2.0 V < VSW3x < 3.3 V
-25
-3.0%
-6.0%
-65
-45
-3.0%
-3.0%
–
–
–
–
–
–
–
25
3.0%
6.0%
65
45
3.0%
3.0%
mV
%
(50)
ISW3x
Rated Output Load Current (51)
• 2.8 V < VIN < 4.5 V, 0.625 V < VSW3x < 3.3 V
PWM, APS mode single phase
PWM, APS mode independent (per phase)
–
–
–
–
2500
1250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com