Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 43Page - NXP Semiconductors MMPF0200 Datasheet HTML 44Page - NXP Semiconductors MMPF0200 Datasheet HTML 45Page - NXP Semiconductors MMPF0200 Datasheet HTML 46Page - NXP Semiconductors MMPF0200 Datasheet HTML 47Page - NXP Semiconductors MMPF0200 Datasheet HTML 48Page - NXP Semiconductors MMPF0200 Datasheet HTML 49Page - NXP Semiconductors MMPF0200 Datasheet HTML 50Page - NXP Semiconductors MMPF0200 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 115 page
background image
NXP Semiconductors
47
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
ηSW2
Efficiency
•VIN = 3.6 V, fSW2 = 2.0 MHz, LSW2 = 1.0 μH
PFM, 3.15 V, 1.0 mA
PFM, 3.15 V, 50 mA
APS, PWM, 3.15 V, 400 mA
APS, PWM, 3.15 V, 600 mA
APS, PWM, 3.15 V, 1000 mA
APS, PWM, 3.15 V, 1500 mA
–
–
–
–
–
–
94
95
96
94
92
89
–
–
–
–
–
–
%
Switch mode supply SW2 (continued)
ΔVSW2
Output Ripple
–
10
–
mV
VSW2LIR
Line Regulation (APS, PWM)
–
–
20
mV
VSW2LOR
DC Load Regulation (APS, PWM)
–
–
20
mV
VSW2LOTR
Transient Load Regulation
• Transient load = 0.0 mA to 1.0 A, di/dt = 100 mA/
μs
Overshoot
Undershoot
–
–
–
–
50
50
mV
ISW2Q
Quiescent Current
PFM Mode
APS Mode (Low output voltage settings)
APS Mode (High output voltage settings)
–
–
–
23
145
305
–
–
–
µA
RONSW2P
SW2 P-MOSFET RDSON
at VIN = VINSW2 = 3.3 V
–
190
209
m
Ω
RONSW2N
SW2 N-MOSFET RDSON
at VIN = VINSW2 = 3.3 V
–
212
255
m
Ω
ISW2PQ
SW2 P-MOSFET Leakage Current
VIN = VINSW2 = 4.5 V
––
12
µA
ISW2NQ
SW2 N-MOSFET Leakage Current
VIN = VINSW2 = 4.5 V
––
4.0
µA
RSW2DIS
Discharge Resistance
–
600
–
Ω
Notes
44.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
45.
Accuracy specification is inclusive of load and line regulation.
46.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW2 - VSW2) = ISW2* (DCR of Inductor +RONSW2P + PCB trace resistance).
Table 56. SW2 electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = VINSW2 = 3.6 V, VSW2 =
3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical
values are characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless
otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com