Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 80Page - NXP Semiconductors MMPF0200 Datasheet HTML 81Page - NXP Semiconductors MMPF0200 Datasheet HTML 82Page - NXP Semiconductors MMPF0200 Datasheet HTML 83Page - NXP Semiconductors MMPF0200 Datasheet HTML 84Page - NXP Semiconductors MMPF0200 Datasheet HTML 85Page - NXP Semiconductors MMPF0200 Datasheet HTML 86Page - NXP Semiconductors MMPF0200 Datasheet HTML 87Page - NXP Semiconductors MMPF0200 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 115 page
background image
84
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
A full description of all interrupt, mask, and sense registers is provided in Tables 101 to 112.
VGEN2FAULTI
VGEN2FAULTM
VGEN2FAULTS
VGEN2 overcurrent limit
Sense is 1 if above current limit
L to H
8.0
VGEN3FAULTI
VGEN3FAULTM
VGEN3FAULTS
VGEN3 overcurrent limit
Sense is 1 if above current limit
L to H
8.0
VGEN4FAULTI
VGEN4FAULTM
VGEN4FAULTS
VGEN4 overcurrent limit
Sense is 1 if above current limit
L to H
8.0
VGEN5FAULTI
VGEN5FAULTM
VGEN1FAULTS
VGEN5 overcurrent limit
Sense is 1 if above current limit
L to H
8.0
VGEN6FAULTI
VGEN6FAULTM
VGEN6FAULTS
VGEN6 overcurrent limit
Sense is 1 if above current limit
L to H
8.0
OTP_ECCI
OTP_ECCM
OTP_ECCS
1 or 2 bit error detected in OTP registers
Sense is 1 if error detected
L to H
8.0
Notes
74.
Debounce timing for the falling edge can be extended with PWRONDBNC[1:0].
Table 101. Register INTSTAT0 - ADDR 0x05
Name
Bit #
R/W
Default
Description
PWRONI
0
R/W1C
0
Power on interrupt bit
LOWVINI
1
R/W1C
0
Low-voltage interrupt bit
THERM110I
2
R/W1C
0
110 °C Thermal interrupt bit
THERM120I
3
R/W1C
0
120 °C Thermal interrupt bit
THERM125I
4
R/W1C
0
125 °C Thermal interrupt bit
THERM130I
5
R/W1C
0
130 °C Thermal interrupt bit
UNUSED
7:6
–
00
Unused
Table 102. Register INTMASK0 - ADDR 0x06
Name
Bit #
R/W
Default
Description
PWRONM
0
R/W1C
1
Power on interrupt mask bit
LOWVINM
1
R/W1C
1
Low-voltage interrupt mask bit
THERM110M
2
R/W1C
1
110 °C Thermal interrupt mask bit
THERM120M
3
R/W1C
1
120 °C Thermal interrupt mask bit
THERM125M
4
R/W1C
1
125 °C Thermal interrupt mask bit
THERM130M
5
R/W1C
1
130 °C Thermal interrupt mask bit
UNUSED
7:6
–
00
Unused
Table 100. Interrupt, mask and sense bits (continued)
Interrupt
Mask
Sense
Purpose
Trigger
Debounce time (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com