Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 57Page - NXP Semiconductors MMPF0200 Datasheet HTML 58Page - NXP Semiconductors MMPF0200 Datasheet HTML 59Page - NXP Semiconductors MMPF0200 Datasheet HTML 60Page - NXP Semiconductors MMPF0200 Datasheet HTML 61Page - NXP Semiconductors MMPF0200 Datasheet HTML 62Page - NXP Semiconductors MMPF0200 Datasheet HTML 63Page - NXP Semiconductors MMPF0200 Datasheet HTML 64Page - NXP Semiconductors MMPF0200 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 115 page
background image
NXP Semiconductors
61
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6
LDO regulators description
This section describes the LDO regulators provided by the PF0200. All regulators use the main bandgap as reference. Refer to Bias and
references block description section for further information on the internal reference voltages.
A Low Power mode is automatically activated by reducing bias currents when the load current is less than I_Lmax/5. However, the lowest
bias currents may be attained by forcing the part into its Low Power mode by setting the VGENxLPWR bit. The use of this bit is only
recommended when the load is expected to be less than I_Lmax/50, otherwise performance may be degraded.
When a regulator is disabled, the output will be discharged by an internal pull-down. The pull-down is also activated when RESETBMCU
is low.
Figure 19. General LDO block diagram
Switch mode supply SWBST (continued)
tSWBSTTR
Transient Load Response
ISWBST from 1.0 to 100 mA in 1.0 µs
Time to settle 80% of transient
–
–
500
µs
tSWBSTTR
Transient Load Response
ISWBST from 100 to 1.0 mA in 1.0 µs
Time to settle 80% of transient
––
20
ms
ISWBSTHSQ
NMOS Off Leakage
SWBSTIN = 4.5 V, SWBSTMODE [1:0] = 00
–1.0
5.0
µA
tONSWBST
Turn-on Time
Enable to 90% of VSWBST, ISWBST = 0.0 mA
––
2.0
ms
fSWBST
Switching Frequency
–
2.0
–
MHz
ηSWBST
Efficiency
ISWBST = ISWBSTMAX
–86–
%
Notes
54.
Only in Auto mode.
Table 74. SWBST electrical specifications (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = VINSWBST = 3.6 V,
VSWBST = 5.0 V, ISWBST = 100 mA, typical external component values, fSWBST = 2.0 MHz, otherwise noted. Typical values are
characterized at VIN = VINSWBST = 3.6 V, VSWBST = 5.0 V, ISWBST = 100 mA, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
VGENx
VINx
VINx
VGENx
CGENx
VGENxEN
VGENxLPWR
VREF
VGENx
I
2C
Interface
Discharge
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com