Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 49Page - NXP Semiconductors MMPF0200 Datasheet HTML 50Page - NXP Semiconductors MMPF0200 Datasheet HTML 51Page - NXP Semiconductors MMPF0200 Datasheet HTML 52Page - NXP Semiconductors MMPF0200 Datasheet HTML 53Page - NXP Semiconductors MMPF0200 Datasheet HTML 54Page - NXP Semiconductors MMPF0200 Datasheet HTML 55Page - NXP Semiconductors MMPF0200 Datasheet HTML 56Page - NXP Semiconductors MMPF0200 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 115 page
background image
NXP Semiconductors
53
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Table 59 provides a list of registers used to configure and operate SW3A/B. A detailed description on each of these register is provided
on Tables 60 through Table 69.
Table 59. SW3AB register summary
Register
Address
Output
SW3AVOLT
0x3C
SW3A Output voltage set point on normal operation
SW3ASTBY
0x3D
SW3A Output voltage set point on Standby
SW3AOFF
0x3E
SW3A Output voltage set point on Sleep
SW3AMODE
0x3F
SW3A Switching mode selector register
SW3ACONF
0x40
SW3A DVS, phase, frequency and ILIM configuration
SW3BVOLT
0x43
SW3B Output voltage set point on normal operation
SW3BSTBY
0x44
SW3B Output voltage set point on Standby
SW3BOFF
0x45
SW3B Output voltage set point on Sleep
SW3BMODE
0x46
SW3B Switching mode selector register
SW3BCONF
0x47
SW3B DVS, phase, frequency and ILIM configuration
Table 60. Register SW3AVOLT - ADDR 0x3C
Name
Bit #
R/W
Default
Description
SW3A
5:0
R/W
0x00
Sets the SW3A output voltage (Independent) or
SW3A/B output voltage (Single phase), during
normal operation mode. See Table 58 for all
possible configurations.
SW3A
6
R
0x00
Sets the operating output voltage range for SW3A
(Independent) or SW3A/B (Single phase). Set
during OTP or TBB configuration only. See
Table 58 for all possible configurations.
UNUSED
7
–
0x00
UNUSED
Table 61. Register SW3ASTBY - ADDR 0x3D
Name
Bit #
R/W
Default
Description
SW3ASTBY
5:0
R/W
0x00
Sets the SW3A output voltage (Independent) or
SW3A/B output voltage (Single phase), during
Standby mode. See Table 58 for all possible
configurations.
SW3ASTBY
6
R
0x00
Sets the operating output voltage range for SW3A
(Independent) or SW3A/B (Single phase) on
Standby mode. This bit inherits the value
configured on bit SW3A[6] during OTP or TBB
configuration. See Table 58 for all possible
configurations.
UNUSED
7
–
0x00
UNUSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com