Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 53Page - NXP Semiconductors MMPF0200 Datasheet HTML 54Page - NXP Semiconductors MMPF0200 Datasheet HTML 55Page - NXP Semiconductors MMPF0200 Datasheet HTML 56Page - NXP Semiconductors MMPF0200 Datasheet HTML 57Page - NXP Semiconductors MMPF0200 Datasheet HTML 58Page - NXP Semiconductors MMPF0200 Datasheet HTML 59Page - NXP Semiconductors MMPF0200 Datasheet HTML 60Page - NXP Semiconductors MMPF0200 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 115 page
background image
NXP Semiconductors
57
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Switch mode supply SW3a/B (continued)
ISW3xLIM
Current Limiter Peak Current Detection
• Single phase (Current through inductor)
SW3xILIM = 0
SW3xILIM = 1
• Independent mode (Current through inductor per phase)
SW3xILIM = 0
SW3xILIM = 1
3.5
2.7
1.8
1.3
5.0
3.8
2.5
1.9
6.5
4.9
3.3
2.5
A
VSW3xOSH
Start-up Overshoot
ISW3x = 0.0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW3x = 4.5 V
––
66
mV
tONSW3x
Turn-on Time
Enable to 90% of end value
ISW3x = 0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW3x = 4.5 V
–
–
500
µs
fSW3x
Switching Frequency
SW3xFREQ[1:0] = 00
SW3xFREQ[1:0] = 01
SW3xFREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz
ηSW3AB
Efficiency (Single Phase)
•fSW3 = 2.0 MHz, LSW3x 1.0 μH
PFM, 1.5 V, 1.0 mA
PFM, 1.5 V, 50 mA
APS, PWM 1.5 V, 500 mA
APS, PWM 1.5 V, 750 mA
APS, PWM 1.5 V, 1250 mA
APS, PWM 1.5 V, 2500 mA
–
–
–
–
–
–
84
85
85
84
80
74
–
–
–
–
–
–
%
ΔVSW3x
Output Ripple
–
10
–
mV
VSW3xLIR
Line Regulation (APS, PWM)
–
–
20
mV
VSW3xLOR
DC Load Regulation (APS, PWM)
–
–
20
mV
VSW3xLOTR
Transient Load Regulation
• Transient Load = 0.0 mA to ISW3x/2, di/dt = 100 mA/μs
Overshoot
Undershoot
–
–
–
–
50
50
mV
ISW3xQ
Quiescent Current
PFM Mode (Single Phase)
APS Mode (Single Phase)
PFM Mode (Independent mode)
APS Mode (SW3A Independent mode)
APS Mode (SW3B Independent mode)
–
–
–
–
–
22
300
50
250
150
–
–
–
–
–
µA
RONSW3AP
SW3A P-MOSFET RDSON
at VIN = VINSW3A = 3.3 V
–
215
245
m
Ω
RONSW3AN
SW3A N-MOSFET RDSON
at VIN = VINSW3A = 3.3 V
–
258
326
m
Ω
ISW3APQ
SW3A P-MOSFET Leakage Current
VIN = VINSW3A = 4.5 V
––
7.5
µA
Table 71. SW3A/B electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = VINSW3x = 3.6 V,
VSW3x = 1.5 V, ISW3x = 100 mA, SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single phase and
independent mode unless, otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
P
arameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com