Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 64Page - NXP Semiconductors MMPF0200 Datasheet HTML 65Page - NXP Semiconductors MMPF0200 Datasheet HTML 66Page - NXP Semiconductors MMPF0200 Datasheet HTML 67Page - NXP Semiconductors MMPF0200 Datasheet HTML 68Page - NXP Semiconductors MMPF0200 Datasheet HTML 69Page - NXP Semiconductors MMPF0200 Datasheet HTML 70Page - NXP Semiconductors MMPF0200 Datasheet HTML 71Page - NXP Semiconductors MMPF0200 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 115 page
background image
68
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN1 AC and transient
PSRRVGEN1
PSRR
•IGEN1 = 75 mA, 20 Hz to 20 kHz
VGEN1[3:0] = 0000 - 1101
VGEN1[3:0] = 1110, 1111
50
37
60
45
–
–
dB
(57)
NOISEVGEN1
Output Noise Density
VIN1 = 1.75 V, IGEN1 = 75 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
–
–
–
-108
-118
-124
-100
-108
-112
dBV/
√Hz
SLWRVGEN1
Turn-on Slew Rate
• 10% to 90% of end value
• 1.75 V
≤ VIN1 ≤ 3.4 V, IGEN1 = 0.0 mA
VGEN1[3:0] = 0000 to 0111
VGEN1[3:0] = 1000 to 1111
–
–
–
–
12.5
16.5
mV
/μs
GEN1tON
Turn-On Time
Enable to 90% of end value, VIN1 = 1.75 V, 3.4 V
IGEN1 = 0.0 mA
60
–
500
μs
GEN1tOFF
Turn-Off Time
Disable to 10% of initial value, VIN1 = 1.75 V
IGEN1 = 0.0 mA
––
10
ms
GEN1OSHT
Start-Up Overshoot
VIN1 = 1.75 V, 3.4 V, IGEN1 = 0.0 mA
–1.0
2.0
%
VGEN1LOTR
Transient Load Response
•VIN1 = 1.75 V, 3.4 V
IGEN1 = 10 to 100 mA in 1.0 μs. Peak of overshoot or undershoot of
VGEN1 with respect to final value
• Refer to Figure 20
––
3.0
%
VGEN1LITR
Transient Line Response
•IGEN1 = 75 mA
VIN1INITIAL = 1.75 V to VIN1FINAL = 2.25 V for
VGEN1[3:0] = 0000 to 1101
VIN1INITIAL = VGEN1+0.3 V to VIN1FINAL = VGEN1+0.8 V for
VGEN1[3:0] = 1110, 1111
• Refer to Figure 20
–5.0
8.0
mV
Notes
57.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test.
Table 86. VGEN1 electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN1 = 3.0 V,
VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at VIN =
3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com