Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 18Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 19Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 20Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 21Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 22Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 23Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 24Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 25Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
User Manual
22 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
188 or IRMCF188, power board EVAL-M3-IM564 should be modified by assembling 1 MΩ AC voltage sensing
resistors R2A and R10A and removing the resistors R2 and R10.
4.1.3
PFC external current feedback configuration and calculation
The PFC shunt resistor RS3 is 5 mΩ for EVAL-M3-IM564. But for control board EVAL-M3-102T, the current input
value is product of the shunt resistance in milliohms and gain of external current sense amplifier as shown in
Figure 14.
Figure 14 PFC current shunt feedback and sample timing
Figure 15 depicts PFC current feedback-sensing circuitry on the EVAL-M3-102T evaluation board. Please note
that the default external amplification gain is less than 1 for current sense in this evaluation board.
Figure 15 The PFC current feedback circuit for EVAL-M3-102T evaluation board
= + =12
Based on this calculation, the PFC current measurement input scaling of EVAL-M3-IM564 is 120 mV/A. Please
use the same procedure to calculate the current input for other combinations of MADK boards and enter it into
MCEWizard.
IPFC
R25 change to 0 ohm
Delete R6
EVAL-M3-IM564
EVAL-M3-102T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com