Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 36Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 37Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 38Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 39Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 40Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 41Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 42Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 43Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
User Manual
40 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Bill of material
5
Bill of material
Table 8 provides the complete bill of materials for the EVAL-M3-IM564.
Table 8
Bill of materials
No. Qty Part description
Designator Part number
Manufacturer
1
6
CAP CER 0.1UF 630V X7R 1210
C1, C18,
C57, C58,
C59, C60
C1210C104KBRAC78
00
KEMET
2
10
CAP CER 1000PF 25V X7R 0603
C2, C11,
C24, C25,
C28, C29,
C31, C32,
C74, C75
885012206059
Wurth Electronics Inc.
3
3
CAP CER 100PF 25V X7R 0603
C4, C9,
C13,
885012206053
Wurth Electronics Inc.
4
2
CAP CER 300PF 25V X7R 0603
C7, C45
885012208043
Wurth Electronics Inc.
5
12
CAP CER 0.1μF 25V X7R 0603
C3, C12,
C15, C17,
C19, C20,
C21, C23,
C37, C43,
C47, C54
885012206071
Wurth Electronics Inc.
6
4
CAP CER 10PF 25V C0G/NP0 0603
C5, C44,
C64, C65
885012006032
Wurth Electronics Inc.
7
4
CAP CER 10UF 25V X5R 1206
C8, C40,
C70, C71
885012108021
Wurth Electronics Inc.
8
1
0.1µF Film Capacitor 630V Polyester C10
890303425004CS
TDK Corporation
9
3
CAP CER 22UF 25V X5R 1206
C14, C16,
C22
TMK316BBJ226ML-T
Taiyo Yuden
10 2
CAP FILM 2.2UF 10% 275VAC RADIAL C26, C30
890324026034CS
Wurth Electronics Inc.
11 1
1µF Film Capacitor 275V
Polypropylene
C27
890324026027CS
Wurth Electronics Inc.
12 2
CAP CER 4700PF 250VAC Y5U
RADIAL
C33, C34
ECK-DNA472ME
Panasonic Electronic
Components
13 2
CAP CER 10000PF 440VAC Y5V RDL
C35, C36
ECK-ATS103MF6
Panasonic Electronic
Components
14 1
CAP 2.2nF 20% X1 760VAC Y1
500VAC
CY1
AY1222M47Y5UC63L0
15 3
CAP CER 0.022UF 25V X7R 0603
C38, C50,
C72
885012206067
Wurth Electronics Inc.
16 2
CAP CER 4700PF 25V X7R 0603
C39, C41
885012206063
Wurth Electronics Inc.
17 6
CAP CER 1UF 10V X5R 0603
C42, C53,
C79, C6,
C62, C63
885012106010
Wurth Electronics Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com