Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 27Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 28Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 29Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 30Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 31Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 32Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 33Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 34Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
User Manual
31 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
If the setting temperature is 100 °C,
@
=5.576kohm,andtheshutdownvalueshouldbe
2.33 V. If the setting temperature is 80 °C,
@
=10.593kohm,andtheshutdownvalue
should be 2.36 V.
Figure 28 External temperature sense input configuration in MCEWizard
4.4
System thermal resistance testing
4.4.1
Heatsink thermal resistance
In order to test the thermal impedance of heatsink to ambient RthCA, the DC source is used to conduct the IPM
internal diodes, as shown in Figure 29. With the DC source voltage increasing, current through IPM IIPM and
voltage on IPM VIPM are monitored by current and voltage meter, the IPM case-temperature test point is
between IPM and heasink, as shown in Figure 29 below, the same as Tc point of inverter IGBT of the IPM
daasheet [1].
CIPOSTM IPM IM564-X6D
+
-
A
V
VIPM
IIPM
`
PCB
Heatsink
Case temperature (Tc) test point
Figure 29 Heatsink thermal testing set-up
Thermal resistance between junction to ambient RthJA is divided into 2 parts as in the following formula: thermal
resistance between junction to case RthJC and thermal resistace between case to ambient RthCA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com