Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 37Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 38Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 39Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 40Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 41Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 42Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 43Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 44Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
User Manual
41 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty Part description
Designator Part number
Manufacturer
18 1
CAP CER 10000PF 25V X7R 0603
C48
885012206065
Wurth Electronics Inc.
19 3
CAP CER 0.22UF 25V X5R 0603
C49, C51,
C76
885012106019
Wurth Electronics Inc.
20 3
CAP CER 470PF 25V X7R 0603
C46, C52,
C61
885012206057
Wurth Electronics Inc.
21 1
CAP CER 1000PF 1000V X7R 1210
C68
885342209006
Wurth Electronics Inc.
22 1
CAP CER 10NF 1000V X7R 1210
C55
CGA6P1C0G3A103J2
50AC
TDK
23 1
CAP CER 120PF 50V NPO 0805
C56
CC0805GRNPO9BN1
21
Yageo
24 1
CAP CER 1000PF 100V X7R 0805
C67
885012207116
Wurth Electronics Inc.
25 2
CAP ALUM 390UF 20% 450V SNAP
CE1, CE2
861011485019
Wurth Electronics Inc.
26 5
CAP ALUM 470UF 20% 450V SNAP
CE4,CE8,
CE9, CE10,
CE11
860010474013
Wurth Electronics Inc.
27 2
CAP ALUM 560UF 20% 25V RADIAL
CE5, CE6
860010274012
Wurth Electronics Inc.
28 1
CAP 22 UF 20% 50 V
CE7
860010672010
Wurth Electronics Inc.
29 1
BRIDGE RECT 1PHASE 1200V 25A
GBJ
D1
GBJ2512
Diodes Incorporated
30 4
DIODE SCHOTTKY 30V 200MA SC79-
2
D2, D3, D9,
D13
BAT5402VH6327XTS
A1
Infineon Technologies
31 1
DIODE SCHOTTKY 20V 1A SOD123L
D4
MBR120ESFT1G
ON Semiconductor
32 1
DIODE SCHOTTKY 150V 2A DO15
D5
MBR2150VGTR-E1
Diodes Incorporated
33 1
DIODE GEN PURP 1KV 1A SMA
D6
US1M-13-F
Diodes Incorporated
34 1
DIODE SCHOTTKY 100V 1A SMA
D7
B1100LB-13-F
Diodes Incorporated
35 1
DIODE GEN PURP 200V 1A SMA
D8
US1D-13-F
Diodes Incorporated
36 2
DIODE SCHOTTKY 20V 2A SMB
D10, D11
SS22T3G
ON Semiconductor
37 1
DIODE GEN PURP 150V 200MA
SOD323
D12
BAV20WS-TP
Micro Commercial Co
38 1
FAN 40X28MM 12VDC TACH,PWM
FAN
9GA0412P3J01
Sanyo Denki America
Inc.
39 2
CONN TERM BLOCK 3POS 9.52MM
PCB
J1, J2
691 250 910 003
Wurth Electronics Inc.
40 1
HEADER 20POS SCKT R/A DL 2.54
MM & HEADER 10POS SCKT R/A DL
2.54 MM
J3
613020243121 &
613010243121
Wurth Electronics Inc.
41 1
Connector
J4
XH 2P 2.54MM
42 1
COMMON MODE CHOKE 3MH 23A
2LN TH
L1
7448052303
Wurth Electronics Inc.
43 1
PFC INDUCTOR 519 uH +-10%
L2
ARLDC543256C521N
1B
Sunlord
44 1
FIXED 2.2uH 2.5A SMD
L4
744773022
Wurth Electronics Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com