Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 38Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 39Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 40Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 41Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 42Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 43Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 44Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 45Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
User Manual
42 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty Part description
Designator Part number
Manufacturer
45 1
FERRITE BEAD 300 OHM 0805 1LN
L5
742792035
Wurth Electronics Inc.
46 1
FIXED IND 47UH 1.55A 136 MOHM
L6
74404084470
Wurth Electronics Inc.
47 1
LED RED CLEAR 0805 SMD
LED1
150080RS75000
Wurth Electronics Inc.
48 6
RES SMD 1MΩ 1% 1/4W 1206
R1, R2, R6,
R9, R10,
R14
RC1206FR-071ML
Yageo
49 6
RES SMD 10kΩ 1% 1/10W 0603
R3, R28,
R45, R50,
R59
RC0603FR-0710KL
Yageo
50 1
RES SMD 12kΩ 1% 1/10W 0603
R17
RC0603FR-0712KL
Yageo
51 1
RES SMD 10.5K OHM 0.1% 1/10W
0603
R4
RT0603BRD0710K5L
Yageo
52 2
RES SMD 1K OHM 0.5% 1/10W 0603
R5, R60
RT0603DRD071KL
Yageo
53 6
RES SMD 15K OHM 0.5% 1/10W 0603
R7, R8, R5,
R29, R41,
R44
RT0603DRD0715KL
Yageo
54 1
RES SMD 240K OHM 1% 1/10W 0603
R26
RC0603FR-07240KL
Yageo
55 1
RES SMD 10 OHM 1% 1/8W 0805
R11
RC0805FR-0710RL
Yageo
56 8
RES SMD 499 OHM 0.5% 1/10W 0603
R12, R15,
R22, R25,
R42, R43,
R51, R53
RT0603DRD07499RL
Yageo
57 1
RES SMD 4.7 OHM 5% 1/8W 0805
R13
RC0805JR-074R7L
Yageo
58 8
RES SMD 100 OHM 0.5% 1/10W 0603
R20, R32,
R34, R35,
R36, R37,
R38, R39
RT0603DRD07100RL
Yageo
59 1
RES SMD 4.7K OHM 5% 1/10W 0603
R23
RC0603JR-074K7L
Yageo
60 3
RES SMD 0 OHM JUMPER 1/10W
0603
R24, R52,
R83
RC0603JR-070RL
Yageo
61 1
RES SMD 12.7K OHM 1% 1/10W 0603 R27
RC0603FR-0712K7L
Yageo
62 1
RES SMD 10.7K OHM 1% 1/10W 0603 R55
RC0603FR-0710K7L
Yageo
63 1
RES SMD 20K OHM 1% 1/10W 0603
R30
RC0603FR-0720KL
Yageo
64 1
RES SMD 7.5K OHM 5% 1/10W 0603
R31
RC0603JR-077K5L
Yageo
65 2
RES SMD 12K OHM 5% 1/10W 0603
R33, R85
RC0603JR-0712KL
Yageo
66 1
RES SMD 9.1K OHM 5% 1/10W 0603
R44
RC0603JR-079K1L
Yageo
67 1
RES SMD 100K OHM 5% 1/10W 0603
R47
RC0603JR-07100KL
Yageo
68 1
RES SMD 510K OHM 5% 1/10W 0603
R48
RC0603JR-07510KL
Yageo
69 1
RES SMD 68 OHM 1% 2W 2512
R49
SR2512FK-7W68RL
Yageo
70 1
RES SMD 165K OHM 1% 1/10W 0603
R54
RC0603FR-07165KL
Yageo
71 1
RES SMD 56K OHM 5% 1/10W 0603
R56
RC0603JR-0756KL
Yageo
72 1
RES SMD 22K OHM 5% 1/10W 0603
R57
RC0603JR-0722KL
Yageo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com