Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 24Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 25Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 26Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 27Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 28Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 29Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 30Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 31Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
User Manual
28 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
types of gatekill input source (as shown in Figure 25). Either input source, iMOTION™ control IC will stop the
motor when the gatekill signal is active.
In order to get high power output for this MADK board, the board uses a very low resistance Rshunt with 10 mΩ.
The inverter overcurrent protection signal (gatekill) comes from an external comparator (U8). The ITRIP of IPM
is not used any longer.
But please note that if the comparator is selected for gatekill input source, the external gatekill signal will not
be used. And the current-sensing signal I_Shunt will be compared by the internal comparator with the “Gatekill
Comparator Reference” value set in MCEWizard only.
Figure 25 Gatekill configuration in MCEWizard for EVAL-M3-102T
4.3
Thermistor/NTC characteristics and protection calculation
This board provides thermistor/NTC output on pin 15 of the 30-pin connector J3. Temperatures can be
calculated by resistor measurement.
4.3.1
CIPOS™ internal NTC – thermistor characteristics
The thermistor characteristics for CIPOS™ Mini IPM with built-in NTC are listed in Table 7.
Table 7
CIPOS™ internal NTC – thermistor characteristics
Description
Condition
Symbol
Value
Unit
min
typ
max
Resistor
TNTC = 25°C
RNTC
79.638
85.000
90.362
kΩ
Resistor
TNTC = 50°C
RNTC
28.400
29.972
31.545
kΩ
Resistor
TNTC = 60°C
RNTC
19.517
20.515
21.514
kΩ
Resistor
TNTC = 70°C
RNTC
13.670
14.315
14.960
kΩ
Resistor
TNTC = 80°C
RNTC
9.745
10.169
10.593
kΩ
Resistor
TNTC = 90°C
RNTC
7.062
7.345
7.628
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com