Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 7Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 8Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 9Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 10Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 11Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 12Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 13Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 14Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
User Manual
11 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Main features of EVAL-M3-IM564
2.2
Pin assignment
General information about the connectors of the EVAL-M3-IM564 evaluation board is reported. Table 3 includes
the details of the AC input connector J1.
Table 3
J1- AC Line connector
S. No.
Pin
Details
1
Line
AC line input
2
Neutral
AC neutral input
3
Earth
Earth ground
Table 4 provides the details of the motor side connector J2.
Table 4
J2- Motor side connector
S. No.
Pin
Details
1
W
Connected to motor phase W
2
V
Connected to motor phase V
3
U
Connected to motor phase U
Table 5 provides the pin assignments of the 30-pin iMOTION™MADK-M3 interface connector J3. This connector
is the interface to the controller board.
Table 5
J3 - iMOTION™MADK-M3 30-pin interface connector for controller board
Pin
Name
Pin name connectors
1
PWMUH
3.3 V compatible logic input for high side gate driver-Phase U
2
GND
Ground
3
PWMUL
3.3 V compatible logic input for low side gate driver-Phase U
4
GND
4 GND ground
5
PWMVH
3.3 V compatible logic input for high side gate driver-Phase V
6
+3.3 V
On board 3.3 V supply
7
PWMVL
3.3 V compatible logic input for low side gate driver-Phase V
8
+3.3 V
On board 3.3 V supply
9
PWMWH
3.3 V compatible logic input for high side gate driver-Phase W
10
I_U
Positive current sense output
11
PWMWL
3.3 V compatible logic input for low side gate driver-Phase W
12
I_U-
Negative current sense output or ground
13
GK
Gatekill signal – active low when overcurrent is detected
14
DCBSense
DC bus positive voltage, scaled in 0-3.3 V range by a voltage divider
15
VTH
Thermistor output
16
I_V
Not used
17
I_V-
Not used
18
I_W
Not used
19
I_W-
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com