Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 19Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 20Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 21Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 22Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 23Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 24Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 25Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 26Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
User Manual
23 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
4.1.4
PFC overcurrent protection circuit and PFC Gatekill configuration
OCP1 of PFC protection circuit for EVAL-M3-IM564 as shown in Figure 16, the PFC current-sensing input polarity
is non-inverting, so please reset the protection reference voltage of EVAL-M3-102T evaluation board.
Figure 16 PFC OCP1 on the EVAL-M3-IM564 evaluation board
For example:
If R8=470 ohm and R9=1.65 kohm, then VPFCTRIPREF=2568 mV, the PFC cycle by cycle current limit is as follows,
= −∗
Where,
=2568 −166
12∗10 =20
If a larger PFC current-protection setting value is needed, please modify the R8 and R9 of EVAL-M3-102T board
and refer to the control board’s user manual for more details.
OCP2 of PFC protection circuit for EVAL-M3-IM564 as shown in Figure 17, please note that for control board
EVAL-M3-102T, the external PFC gatekill signal PFCGK is not used. This MADK board connects the PFCGK to the
motor GK temporarily for PFC overcurrent protection when using control board EVAL-M3-102T.
Note: The PFC overcurrent protection circuit only generates the signal of PFCGK; there is no further action for EVAL-
M3-IM564. The power board will not turn off the PFC gate driver IC if the control board is disable when the
PFCGK is active.
Figure 17 The PFCTRIPREF circuit on the EVAL-M3-102T evaluation board
3.3V
PFCTRIPREF
IPFC0
iMOTION
Controller
12
IPFC
PFCTRIPREF
21
R8 change to 470 ohm
R9 change to 1.65 kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com