Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 17Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 18Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 19Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 20Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 21Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 22Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 23Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 24Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
User Manual
21 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
The configuration of PFC topology in MCEWizard is shown in Figure 12.
Figure 12 Vac sensing method configuration for EVAL-M3-102T and EVAL-M3-IM564
The high-side resistors R1 and R2 or R9 and R10 for the AC voltage sensing resistor divider on the power board
EVAL-M3-IM564 is 2000 kΩ, and should be configured in MCEWizard as shown in Figure 13. For the low-side
resistor value, please refer to the User Manual of the corresponding control board.
Figure 13 AC voltage sensing configuration in MCEWizard
4.1.2
Hardware modification for AC voltage sensing to work with IRMCF188
As mentioned in the previous setion, AC voltage sensing is by default in front of the D1 rectifier bridge for the
EVAL-M3-IM564 power board, as shown in Figure 10. But for the control board EVAL-M3-188 with controller IC
IRMCF188, AC voltage sensing should be behind the rectifier bridge D1. To work with control board EVAL-M3-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com