Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 10Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 11Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 12Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 13Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 14Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 15Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 16Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 17Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
User Manual
14 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Getting started with EVAL-M3-IM564
1. Connect PC-USB connector on the on-board debugger to the PC via USB cable.
2. Connect EVAL-M3-IM564’s MADK M3 30-pin interface connector (J3) to control board (see Figure 4).
3. Get the latest “IMC102T-F064 MCE Software Package” available on www.infineon.com/imotion-software
website. (Infineon iMOTION™ control IC IMC102T-F064 is used for control board EVAL-M3-102T).
4. Connect motor phase outputs to the motor.
5. Use MCEWizard to enter the motor and evaluation board hardware parameters, and click button “Export to
Designer file (.txt)” to system drive parameters’ file which will be used by MCEDesigner.
6. Connect AC power to power input connector (J1) and power-on system.
7. Open MCEDesigner and open MCEDesigner default configuration file (.irc) for IMC102T devices
(IMC102T_xx.irc) by clicking “File” menu and select “Open” in the pull down list.
8. Import system drive parameters’ file (generated in step 5) into MCEDesigner by clicking “File” > “Import
Drive Parameters.” Select “Update All” radio button.
9. Program the MCE firmware and system parameters into the internal flash memory of iMOTION™ IC by
clicking “Tools > Programmer “in the pull-down menu, and then clicking on the “Program Firmware and
Parameter” radio button. See the chapter “MCEDesigner setup overview” in Section 3.2.2 for more details. If
the latest version of MCE firmware is already programmed into the IMC102T-F064 IC, then programming
firmware can be skipped by selecting “Program Parameters” radio button option. Finally click “Start”
button to program firmware and parameters (or parameters only when programming firmware was
skipped).
10. Start the motor by clicking the green traffic light button in the control bar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com