Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 4Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 5Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 6Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 7Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 8Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 9Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 10Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 11Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
User Manual
8 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Main features of EVAL-M3-IM564
2.1
EVAL-M3- IM564 board specifications
Table 2 depicts the important specifications of the evaluation board EVAL-M3-IM564.
Table 2
EVAL-M3-IM564 board specifications
Parameters
Values
Conditions / comments
Input
Voltage
165 - 265 Vrms
lower AC input, less motor power output
Current
13.3 Arms
input 165 VAC(enable PFC function), Pin=2200
W, fPWM=6 kHz, fPFC=50 kHz, Ta=25 C, Th=80 °C,
Motor speed=2500 RPM
10 Arms
input 220 VAC(enable PFC function), Pin=2200
W, fPWM=6 kHz, fPFC=50 kHz, Ta=25 C, Th=80 °C,
Motor speed=2500 RPM
12.7 Arms
input 220 VAC(enable PFC function), Pin=2800
W, fPWM=6 kHz, fPFC=50 kHz, Ta=25 C, Th=80 °C,
Motor speed=2500 RPM
Output
Power(3 phases)
2000 W
165 VAC≤ input ≤ 265 VAC(enable PFC
function), fPWM=6 kHz, fPFC=50 kHz, Ta=25 C,
Th=80 °C, Motor speed=2500 RPM
2800 W
220 VAC≤ input ≤ 265 VAC(enable PFC
function), fPWM=6 kHz, fPFC=50 kHz, Ta=25 C,
Th=80 °C, Motor speed=2500 RPM
Current per leg
6.6 Arms
input =220 VAC(enable PFC function),
pout=2000 W, fPWM=6 kHz, fPFC=50 kHz, Ta=25 C,
Th=80 °C, Motor speed=2500 RPM
8.7 Arms
input =220 VAC(enable PFC function),
pout=2800 W, fPWM=6 kHz, fPFC=50 kHz, Ta=25 C,
Th=80 °C, Motor speed=2500 RPM
DC Bus Voltage
Recommend DC bus voltage
380 V
Enable PFC and for higher input voltage
Recommend DC bus voltage
340 V
Enable PFC and for lower input voltage
Switching Frequency
PFC switching frequency fPFC
50 kHz (typ.)
For EVAL-M3-IM564 evaluation borad
50 kHz (max.)
Limited by controller board EVAL-M3-102T
Inverter switching frequency
fPWM
6 kHz (typ.)
For EVAL-M3-IM564 evaluation borad
20 kHz (max.)
Limited by controller board EVAL-M3-102T
Current feedback
PFC current sensing resistor
10 mΩ
RS3
Inverter current sensing resistor 10 mΩ
RS4
Protections
PFC OCP1
20 Apeak
Set EVAL-M3-102T’s PFCITRIPREF=2.57 V, so
that R8=470 ohm, R9=1.65 kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com