Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 39Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 40Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 41Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 42Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 43Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 44Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 45Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 46Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 47Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
User Manual
43 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty Part description
Designator Part number
Manufacturer
73 9
RES SMD 2K OHM 1% 1/10W 0603
R20, R32,
R34, R35,
R36, R37,
R38, R39,
R61
RC0603FR-072KL
Yageo
74 1
RES SMD 27K OHM 5% 1/10W 0603
R21
RC0603JR-0727KL
Yageo
75 3
RES SMD 249 OHM 1% 1/4W 1206
R23
RC1206FR-07249RL
Yageo
76 3
RES SMD 2.2 OHM 5% 1/8W 0805
R24, R52,
R83
RC0805JR-072R2L
Yageo
77 2
RES SMD 51 OHM 5% 1/4W 1206
R27, R55
RC1206JR-0751RL
Yageo
78 2
RES SMD 15M OHM 5% 1/4W 1206
R33, R85
RV1206JR-0715ML
Yageo
79 3
RES SMD 27 OHM 5% 1/10W 0603
R46, R63,
R87
RC0603JR-0727RL
Yageo
80 1
RES SMD 3.65K OHM 1% 1/10W 0603 R40
RC0603FR-073K65L
Yageo
81 1
RES SMD 18K OHM 1% 1/10W 0603
R18
RC0603FR-0718KL
Yageo
82 1
RES 58.3K OHM 1% 1/10W 0603
R82
RN73R1JTTD5832F1
00
KOA Speer
Electronics, Inc.
83 1
RES SMD 1.5K OHM 5% 1/4W 1206
R84
RC1206JR-071K5L
Yageo
84 1
RES SMD 820 OHM 5% 1/4W 1206
R86
RC1206JR-07820RL
Yageo
85 1
RES SMD 2.49K OHM 1% 1/10W 0603 R88
RC0603FR-072K49L
Yageo
86 1
RES SMD 2.2 OHM 5% 1/4W 1206
RS1
RC1206JR-072R2L
Yageo
87 1
RES SMD 2 OHM 1% 1/4W 1206
RS2
RC1206FR-072RL
Yageo
88 2
RES SMT 0.010 OHM 1% 5W 4320
RES SMT 0.010 OHM 1% 5W 2817
RS3, RS4
KRL50110D-C-R010-
F-T1
SMT-2817-R010-5W
SUSUMU
ISABELLENHUTTE
89 1
24VDC 16A 8pin
RY1
HF14FW-024-ZT
Hongfa relay
90 1
998Uh 100kHz, 100mV, Ls
EE20/10/6
750344279
Wurth Electronics Inc.
91 25
PC TEST POINT MINIATURE BLACK
T-3V3, T-
15V, T-
DCBUS, T-
Fly_D, T-
GND, T-
HIN1, T-
HIN2, T-
HIN3, T-
ITRIP, T-
LIN1, T-
LIN2, T-
LIN3, T-
PFC PWM,
T-PFC_D,
T-PFC_G,
T-PFC_S,
T-SGND1,
5001
Keystone Electronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com