Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-TP Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 25Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 26Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 27Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 28Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 29Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 30Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 31Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 32Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
User Manual
29 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
Description
Condition
Symbol
Value
Unit
min
typ
max
Resistor
TNTC = 100°C
RNTC
5.199
5.388
5.576
kΩ
Resistor
TNTC = 110°C
RNTC
3.856
4.009
4.163
kΩ
Resistor
TNTC = 120°C
RNTC
2.900
3.024
3.149
kΩ
Resistor
TNTC = 125°C
RNTC
2.527
2.639
2.751
kΩ
B-constant of NTC
B(25/100)
4092
K
The VFO pin of CIPOS™ modules provides direct access to the NTC, which is referenced to VSS. An external pull-
up resistor connected to +3.3 V ensures that the resulting voltage can be directly connected to the
microcontroller.
Figure 26 depicts the CIPOS™ internal circuit at pin VFO. An external pull-up resistor is required to bias the NTC.
Figure 26 Internal circuit at pin VFO for CIPOS™ IPM IM564-X6D/IM564-X6DS
VFO
14
VSS
16
Thermistor
>1
from UV detection
from ITRIP Latch
CIPOSTM
VDD
ON,FLT
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com