Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 41Page - STMicroelectronics L9654 Datasheet HTML 42Page - STMicroelectronics L9654 Datasheet HTML 43Page - STMicroelectronics L9654 Datasheet HTML 44Page - STMicroelectronics L9654 Datasheet HTML 45Page - STMicroelectronics L9654 Datasheet HTML 46Page - STMicroelectronics L9654 Datasheet HTML 47Page - STMicroelectronics L9654 Datasheet HTML 48Page - STMicroelectronics L9654 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
DocID14218 Rev 3
45/59
L9654
Functional description
58
4.13.4
Arming MISO_A bit definition
Arming MISO_A is defined in the table below.
Table 31. Arming MISO_A bit definition
7
6
5
4
3
2
1
0
X
X
ARM23
ARM01
X
X
ARM23
ARM01
4.13.5
ARM[01..23]
Arming status. These bits are used to echo arming bits sent in the previous arming
command. A value of 1 indicates that arming signal is enabled for the respective loop-pair. A
value of 0 indicates that arming signal is disabled for the respective loop-pair.
The default state of these arming signals is ‘0’ (disabled).
4.14
Satellite sensor interface
The device provides four currents limited to 60mA each through outputs ICH1 and ICH2.
The voltage at these two channels is supplied by the V8BUCK input. Channels 1 and 2
serve as switched power sources to remote mounted satellite sensors, each draws 2 current
levels. The L9654 monitors the current flow from its output pin and “demodulates” the
current to be decoded using Manchester protocol. Decoded satellite message is
communicated to an external microprocessor via SPI.
Figure 18. Satellite interface block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com