Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 38Page - STMicroelectronics L9654 Datasheet HTML 39Page - STMicroelectronics L9654 Datasheet HTML 40Page - STMicroelectronics L9654 Datasheet HTML 41Page - STMicroelectronics L9654 Datasheet HTML 42Page - STMicroelectronics L9654 Datasheet HTML 43Page - STMicroelectronics L9654 Datasheet HTML 44Page - STMicroelectronics L9654 Datasheet HTML 45Page - STMicroelectronics L9654 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Functional description
L9654
42/59
DocID14218 Rev 3
4.12.2
Deployment driver diagnostic mode response
Diagnostic mode response is defined as shown in table.
Table 27. MISO diagnostic mode response definition
Bit
State
Description
D15
1
Mode bits
D14
0
D13
0
SQH voltage below SBTH threshold
1
SQH voltage above SBTH threshold
D12
0
DEPEN Negated
1
DEPEN Asserted
D11
0
MOS Diagnostic Completed
1
MOS Diagnostic In-progress
D10
0
LS MOS Diagnostic selected
1
HS MOS Diagnostic selected
D9
0
Diagnostic Current OFF
1
Diagnostic Current ON
D8
0
Diagnostic Bias Current, IBIAS selected
1
Resistance Measurement Current, ISRC selected
D7
0
SQL voltage above SGTH threshold
1
SQL voltage below SGTH threshold
D6
-
AOUT/Comparator Channel Selection
D5
-
D4
-
D3
0
Squib Current below VI_TH threshold
1
Squib Current above VI_TH threshold
D2
-
Diagnostic Current: Channel Selection
D1
-
D0
-
SBTH threshold status flag (bit D13) indicates the state of SBTH comparator. SBTH
comparator monitors the voltage on SQH pin.
DEPEN status flag (bit D12) indicates the state of DEPEN pin.
MOS Diagnostic status flag (bit D11) reports the status of a driver diagnostic. This bit is not
latched. When a MOS diagnostic is completed, this bit is cleared. Low-side or high-side
MOS diagnostic status flag (D10) indicates if there is an on-going low or high-side driver
diagnostic. This bit shall be used in conjunction with bit D11.
Diagnostic current status flag (D9) indicates the state of diagnostic current. Bit D8 indicates
which diagnostic current is selected. This bit shall be used along with bit D9 to indicate if a
diagnostic bias current or resistance measurement current is on or off.
SGTH threshold status flag (bit D7) indicates the state of SGTH comparator. SGTH
comparator monitors the voltage on SQL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com