Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 24Page - STMicroelectronics L9654 Datasheet HTML 25Page - STMicroelectronics L9654 Datasheet HTML 26Page - STMicroelectronics L9654 Datasheet HTML 27Page - STMicroelectronics L9654 Datasheet HTML 28Page - STMicroelectronics L9654 Datasheet HTML 29Page - STMicroelectronics L9654 Datasheet HTML 30Page - STMicroelectronics L9654 Datasheet HTML 31Page - STMicroelectronics L9654 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
Functional description
L9654
28/59
DocID14218 Rev 3
A low pass filter (10 kΩ + 330 pF) is recommended in order to cancel the noise caused by
internal offset compensation.
Figure 15. Resistance measurement flow chart
4.10.6
MOS diagnostics
During diagnostic, IBIAS is connected to SQH pin. In a normal condition, SQH voltage is
below SBTH and SQL voltage is higher than SGTH. Prior to turning on the MOS, the
processor is expected to check for a short to battery and a short to ground fault. This step is
intended to prevent a large amount of current from flowing through the MOS. Also, this step
is intended to precondition SQH and SQL pins prior to diagnostics. DEPEN pin is asserted
in order to turn on the low or high-side driver. If DEPEN is negated during diagnostic, the
MOS is not turned on and a fail MOS diagnostic is expected.
4.10.7
Low-side MOS diagnostic
When L9654 receives an SPI command to initiate the low-side driver diagnostic, verification
of following conditions is done before turning on the low-side driver:
VSQL greater than SGTH threshold voltage
VSQH less than SBTH threshold voltage
If both conditions above are satisfied, execution of low-side driver diagnostic is performed.
Otherwise, the low-side MOS diagnostic request is ignored and both bit D13 and bit D7 in
SPI diagnostic mode response are set. Upon detection of the following conditions, the
device turns the low-side driver off and terminates the diagnostic within the specified time,
tPROP_DLY.
VSQL less than SGTH threshold voltage
(VSQHx – VSQLx) greater than VI_TH
VSQH greater than SBTH threshold voltage
The state of each comparator above is reported through SPI. When the device detects one
of the above conditions, the respective SPI status bit indicates that the condition is set. Any
of the above conditions is considered as normal in a low-side MOS diagnostic.
The low-side driver is turned off when tTIMEOUT is expired. A fault detection filter, tFLT_DLY, is
provided to protect against short-transients on SQH and SQL pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com