Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 31Page - STMicroelectronics L9654 Datasheet HTML 32Page - STMicroelectronics L9654 Datasheet HTML 33Page - STMicroelectronics L9654 Datasheet HTML 34Page - STMicroelectronics L9654 Datasheet HTML 35Page - STMicroelectronics L9654 Datasheet HTML 36Page - STMicroelectronics L9654 Datasheet HTML 37Page - STMicroelectronics L9654 Datasheet HTML 38Page - STMicroelectronics L9654 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
DocID14218 Rev 3
35/59
L9654
Functional description
58
Odd parity check includes all 16 bits. “Don’t care” bit is included in the parity check as well.
Bit D7 to bit D0 are used to start the deployment or the pulse stretch timer. L9654 provides
an independent timer for each channel. When any of these bits are set to ‘1’, device starts
the deployment or the pulse stretch timer for the respective channels.
If any of these bits is set to ‘0’ when the pulse stretch timer is still active, the pulse stretch
timer for the respective channels is terminated. Once deployment is initiated, it cannot be
terminated.
During a deployment, any commands directed to the channel that are in deployment are
ignored.
4.11.4
Deployment driver diagnostic mode
Diagnostic Mode message are defined as shown here below.
D5
0
Channel 5 Idle (default)
1
Deploy Channel 5
D4
0
Channel 4 Idle (default)
1
Deploy Channel 4
D3
0
Channel 3 Idle (default)
1
Deploy Channel 3
D2
0
Channel 2 Idle (default)
1
Deploy Channel 2
D1
0
Channel 1 Idle (default)
1
Deploy Channel 1
D0
0
Channel 0 Idle (default)
1
Deploy Channel 0
Table 18. MOSI command mode message definition (continued)
Bit
State
Description
Table 19. MOSI diagnostic mode message definition
Bit
State
Description
D15
1
Mode bits
D14
0
D13
Odd Parity
D12
0
Read Diagnostic Mode Response (default)
1
Write Diagnostic Mode Command
D11
0
MOS Diagnostic Disable (default)
1
MOS Diagnostic Enable
D10
0
LS MOS Diagnostic Enable
1
HS MOS Diagnostic Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com