Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 51Page - STMicroelectronics L9654 Datasheet HTML 52Page - STMicroelectronics L9654 Datasheet HTML 53Page - STMicroelectronics L9654 Datasheet HTML 54Page - STMicroelectronics L9654 Datasheet HTML 55Page - STMicroelectronics L9654 Datasheet HTML 56Page - STMicroelectronics L9654 Datasheet HTML 57Page - STMicroelectronics L9654 Datasheet HTML 58Page - STMicroelectronics L9654 Datasheet HTML 59Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
Functional description
L9654
56/59
DocID14218 Rev 3
Buffer data values from $0 to $1F are reserved and not transmitted by the "A" Manchester
data sensor. All "A" satellite sensors use values between $020 and $FFF, therefore values
fallen within this range are interpreted by the system software as satellite only data. If a
satellite data is found to be in the range between $00 to $01F the IC asserts the reserved
message error flag or fault code. In case there is no fault condition present, the device
returns to $000.
Data is lost when a data word is written to a full buffer. To alarm the user for this condition
the DL (buffer data lost) flag shall be set.
Table 47. Satellites fault codes definition supporting "B" protocol
Bit D11:0 value
Fault definition
Function
$0
No Faults (FIFO empty value)
Global Fault Codes Definition
(Reported back for CH1 only &
latched only once)
$1
Unassigned
$2
Bad MOSI Bit Count
$3 - $F
Unassigned
$10
High-side Current Limit Exceeded
Channel Fault Codes
$11
Unassigned
$12
SPI Odd Parity Communication error
$13 - $17
Unassigned
$18
Unassigned
$19
Manchester Bit Time Error OR Too Few Bits
$1A
Too Many Bits
$1B
Reserved
$1C
Satellite Communication Parity error
$800 - $FFF
Manchester sensor’s data range D11 shall be
set to 1 by the IC when receiving sensor data.
When reporting faults D11 shall be set
internally by the IC to 0
Manchester Data
As mentioned earlier the L9654 supports "B" Manchester data protocol, the data field for this
protocol can be configured to any number of bits between 8 to 11 bits. Incoming data from
the sensor using "B" protocol shall be right justified by the IC. For example if the incoming
message has only 8 bits in the data filed, the device transmits this message on MISO so that
it occupies bits <7:0> bits 8, 9 and 10 are set to 000.
Too Many Bits and Too Few Bits faults can be calculated based on the number of bits in the
data field. So if we consider the 8 bit "B" protocol example discussed above a message with
9 bits in the data field should set the too many bits fault flag, on the other hand a message
with 7 bits in the data field should set the too few bits fault flag. When the L9654 is
configured to use a the Manchester "B" protocol, the device set SPI MOSI D11 to 0 when
reporting fault data and to 1 when reporting satellite data. This operation should allow both
sensors "A" based or "B" based to use the same fault codes.
Upon power on, after a reset or POR conditions the MISO data is initialized as follows:
CH1 returns to MCR configuration in report mode with parity bit set accordingly
CH2 returns $E000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com