Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 51Page - STMicroelectronics L9654 Datasheet HTML 52Page - STMicroelectronics L9654 Datasheet HTML 53Page - STMicroelectronics L9654 Datasheet HTML 54Page - STMicroelectronics L9654 Datasheet HTML 55Page - STMicroelectronics L9654 Datasheet HTML 56Page - STMicroelectronics L9654 Datasheet HTML 57Page - STMicroelectronics L9654 Datasheet HTML 58Page - STMicroelectronics L9654 Datasheet HTML 59Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
DocID14218 Rev 3
55/59
L9654
Functional description
58
4.14.13
SPI MISO bits layout for configuration report
Status bits <15:14> indicate the status of L9654 output channels, status bits are updated at
the falling edge of CS_S and defined by bits <15:14>. Fault codes are pushed into the FIFO
and then removed form FIFO on rising edge of CS_S and reported through MISO.
Global and channels faults are encoded in the hexadecimal range between $001 to $01F.
“Global faults” cover all satellite channels. “Channel Fault” covers only a particular channel.
Channel Fault codes are pushed once into the FIFO each time they occur while global faults
are pushed once into the FIFO even if the fault is still present. Bit 15 is set by the IC to
satisfy an odd parity for each of the transmitted word, therefore it sets to 1 if the total number
of 1’s for bits is even and to 0 if the total number of 1’s for bits is odd.
Table 44. MISO Manchester message data definition
Bit
State
Description
D15
-
Status bits (refer to table 44)
D14
-
D13
-
Odd Parity
D12
0
No FIFO Data has been lost
1
FIFO Data has been lost
D11:0
-
FIFO Contents
Table 45. Status bits definition
Bit D15
Bit D14
Definition
0
0
Current Channel is Off
0
1
Channel ON, Message processing Disabled
1
0
Channel ON, Message processing Enabled
1
1
Configuration report
Table 46. Satellites fault codes definition supporting "A" protocol
Bit D11:0 value
Fault definition
Function
$0
No Faults (FIFO empty value)
Global Fault Codes Definition
(Reported back for CH1 only &
latched only once)
$1
Unassigned
$2
Bad MOSI bit Count
$3 - $F
Unassigned
$10
High-side Current Limit Exceeded
Channel Fault Codes
$11
Unassigned
$12
SPI Odd Parity Communication error
$13 - $17
Unassigned
$18
Reserved Message Received
$19
Manchester Bit Time Error
$1A
Manchester Bit Time Error or Too Few Bits
$1B
Reserved
$1C
CRC Error
$1D - $1F
Unassigned
$020 - $FFF
Manchester sensor’s data range
Manchester Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com