Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 17Page - STMicroelectronics L9654 Datasheet HTML 18Page - STMicroelectronics L9654 Datasheet HTML 19Page - STMicroelectronics L9654 Datasheet HTML 20Page - STMicroelectronics L9654 Datasheet HTML 21Page - STMicroelectronics L9654 Datasheet HTML 22Page - STMicroelectronics L9654 Datasheet HTML 23Page - STMicroelectronics L9654 Datasheet HTML 24Page - STMicroelectronics L9654 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
DocID14218 Rev 3
21/59
L9654
Functional description
58
Figure 9. Arming SPI transmission
4.8.1
Chip select (CS_A, CS_D, CS_S)
Chip-select inputs select L9654 for serial transfers. CS_A is independent of CS_D and CS_S.
CS_A can be asserted regardless of CS_D and CS_S. However, either CS_D or CS_S can
be asserted at any given time. If both CS_D and CS_S inputs are selected simultaneously,
the device ignores MOSI command. When chip-select is asserted, the respective
MISO/MISO_A pin is released from tri-state mode, and all status information is latched in
the SPI shift register. While chip-select is asserted, register data is shifted into
MOSI/MOSI_A pin and shifted out of MISO/MISO_A pin on each subsequent
SCLK/SCLK_A. When chip-select is negated, MISO/MISO_A pin is tri-stated. To allow
sufficient time to reload the registers, chip-select pin shall remain negated for at least tCSN.
Chip-select is also immune to spurious pulses of 50 ns or shorter (MISO/MISO_A may come
out of tri-state, but no status bits are cleared and no control bits are changed).
Chip-select inputs have current sinks on the pins, which pull these pins to the negated state
when an open circuit condition occurs. These pins have TTL level compatible input voltages
allowing proper operation with microprocessors using a 3.3 to 5.0 volt supply.
4.8.2
Serial clock (SCLK, SCLK_A)
SCLK/SCLK_A input is the clock signal input for synchronization of serial data transfer. This
pin has TTL level compatible input voltages allowing proper operation with microprocessors
using a 3.3 to 5.0 volt supply. When chip select is asserted, both the SPI master and this
device shall latch input data on the rising edge of SCLK/SCLK_A. L9654 shift data out on
the falling edge of SCLK/SCLK_A. The SCLK/SCLK_A must be taken in idle state (LOW)
when the CS_A,CS_D,CS_S are in idle state (LOW). (a)
4.8.3
Serial data output (MISO, MISO_A)
MISO/MISO_A output pin shall be in a tri-state condition when chip select is negated. When
chip select is asserted, the MSB is the first bit of the word/byte transmitted on
MISO/MISO_A and the LSB is the last bit of the word/byte transmitted. This pin supplies a
rail to rail output, so if interfaced to a microprocessor that is using a lower VDD supply, the
appropriate microprocessor input pin shall not sink more than IOH(min) and shall not clamp
the MISO/MISO_A output voltage to less than VOH(min) while MISO/MISO_A pin is in a logic
“1” state.
a. Only in daisy chain, it is needed to guarantee on SCLK_A a clock skew of 3ns maximum between any devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com