Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 45Page - STMicroelectronics L9654 Datasheet HTML 46Page - STMicroelectronics L9654 Datasheet HTML 47Page - STMicroelectronics L9654 Datasheet HTML 48Page - STMicroelectronics L9654 Datasheet HTML 49Page - STMicroelectronics L9654 Datasheet HTML 50Page - STMicroelectronics L9654 Datasheet HTML 51Page - STMicroelectronics L9654 Datasheet HTML 52Page - STMicroelectronics L9654 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
DocID14218 Rev 3
49/59
L9654
Functional description
58
4.14.6
FIFO buffer
The IC includes 2 internal FIFO buffers; one for each output channel, each one is 12 bits
and two levels deep. When D1 in the MCR register is set to 0 (default condition), MSG pin is
asserted and remains asserted as long as there is a message in any of the 2 internal FIFO
buffers.
The FIFO provides error flag via SPI in case of buffer data loss. When writing to a full FIFO
the old data is lost. For example if the FIFO content at the bottom of the stack is $0AA, an
incoming message of $090 occupies the upper level of the FIFO stack, at this stage the
FIFO is full, but the Data lost flag is not set. When writing another message to the FIFO, for
example $066, the Data lost flag is set and the final FIFO content is $066 (top of stack) and
$090(bottom of stack). When a FIFO read operation is performed via SPI, The FIFO content
$090 is carried over by MISO and Data lost flag is unset. The Data lost flag is also unset
when the FIFO is flushed via SPI command.
4.14.7
Satellite continuity check
Each output has a short circuit protection by independent current limit. When a short circuit
occurs the output becomes current limited, a fault timer latches the output off and a fault
condition bit is reported via SPI.
That output returns to normal operation when it is re-enabled via SPI and the current limit
condition was removed, this fault condition does not interfere with the operation of any of the
other output channels
4.14.8
Message waiting
The MSG pin is asserted when there is a message in any of the 2 internal FIFO buffers. This
pin is TTL level and is configurable to be either active high or active low signal.
The Pin shall also be programmable via SPI to remain either active during CS_S once is set
or inactive during CS. If the pin is configured to remain active during CS_S and there is a
message in any of the internal FIFO it remains active even if CS_S is de-asserted. However
if there are no messages in any of the internal 2 FIFOs the pin is forced to inactive state.
4.14.9
Satellite serial data input (MOSI)
The MOSI input takes data from the master microprocessor while CS_S is asserted. The
MSB is the first bit of each word received on MOSI and the LSB is the last bit of each word
received on MOSI. This pin has TTL level compatible input voltages allowing proper
operation with microprocessors using a 3.3 to 5.0 volt supply. MOSI bits layout is provided
here below.
4.14.10
Satellite MOSI bits definition
Table 32. Satellite MOSI bits layout
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
P
S
DATA (12:0)
There is a total of 5 internal registers that are used to configure all of the satellite channels.
These registers are addressed by setting MOSI bit 14 according to this table and by sending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com