Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 35Page - STMicroelectronics L9654 Datasheet HTML 36Page - STMicroelectronics L9654 Datasheet HTML 37Page - STMicroelectronics L9654 Datasheet HTML 38Page - STMicroelectronics L9654 Datasheet HTML 39Page - STMicroelectronics L9654 Datasheet HTML 40Page - STMicroelectronics L9654 Datasheet HTML 41Page - STMicroelectronics L9654 Datasheet HTML 42Page - STMicroelectronics L9654 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
DocID14218 Rev 3
39/59
L9654
Functional description
58
4.11.6
Deployment driver MISO bit definition
Table 22. MISO bit layout
MSB
LSB
D15
D14
D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MISO mode bits are defined as below table.
Table 23. MISO mode bits definition
Bit D15
Bit D14
Description
0
0
Register Mode Response
0
1
Command Mode Response
1
0
Diagnostic Mode Response
1
1
Status Response/SPI Fault Response
4.11.7
Deployment driver register mode response
Register Mode Response is the default response to the processor. After a POR event, a
RESETB negated, and a loss of GND, the device sends $0000 in MISO for the first SPI
transmission. Register Mode Response is defined as shown in the following table.
Table 24. MISO register mode response definition
Bit
State
Description
D15
0
Mode bits
D14
0
D13
0
Don’t Care
D12
-
Echo of MOSI Read/Write bit
D11
0
Pulse Stretch Timer Duration
1
Soft Reset Sequence
D10
0
Deployment Condition: IDEPLOY_12A and tDEPLOY_2ms
1
Deployment Condition: IDEPLOY_175A and tDEPLOY_1ms
D9
-
Pulse Stretch timer (see table 17)
D8
-
D7
-
Don’t Care
D6
-
Don’t Care
D5
-
Don’t Care
D4
-
Don’t Care
D3
-
Don’t Care
D2
1
Always 1
D1
-
Hard Reset Status
D0
-
Soft Reset Sequence Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com