Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 30Page - STMicroelectronics L9654 Datasheet HTML 31Page - STMicroelectronics L9654 Datasheet HTML 32Page - STMicroelectronics L9654 Datasheet HTML 33Page - STMicroelectronics L9654 Datasheet HTML 34Page - STMicroelectronics L9654 Datasheet HTML 35Page - STMicroelectronics L9654 Datasheet HTML 36Page - STMicroelectronics L9654 Datasheet HTML 37Page - STMicroelectronics L9654 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Functional description
L9654
34/59
DocID14218 Rev 3
Bit D9 and bit D8 are used to set the period of pulse stretch timer.
The device have 8 independent timers. Either a valid arming signal or a SPI deployment
command is able to start the pulse stretch timer. These bits sets the timer duration. These
values default to ‘00’ after a POR event.
Table 17. Pulse stretch timer table
Bit D9
Bit D8
Stretch period (ms)
0
0
7.5
0
1
15
1
0
30
1
1
60
Bit D7 through bit D0 are used for a soft reset sequence. The soft reset for the deployment
driver is achieved by writing $AA and $55 within two subsequent 16-bit SPI transmissions. If
the sequence is broken, the processor is required to re-transmit the sequence.
L9654 does not reset if the sequence is not completed within two subsequent 16-bit SPI
transmissions. This soft reset function is available only to deployment drivers.
When soft reset command is received, the device resets its deployment driver’s internal
logic and timer. The effects of soft reset to the deployment driver is the same as the one of
POR event, except for MISO response.
During a deployment, soft reset sequence is ignored.
4.11.3
Deployment driver command mode
Command Mode message is defined as shown below.
Table 18. MOSI command mode message definition
Bit
State
Description
D15
0
Mode bits
D14
1
D13
Odd Parity
D12
-
Don’t Care
D11
-
Don’t Care
D10
-
Don’t Care
D9
-
Don’t Care
D8
-
Don’t Care
D7
0
Channel 7 Idle (default)
1
Deploy Channel 7
D6
0
Channel 6 Idle (default)
1
Deploy Channel 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com