Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 32Page - STMicroelectronics L9654 Datasheet HTML 33Page - STMicroelectronics L9654 Datasheet HTML 34Page - STMicroelectronics L9654 Datasheet HTML 35Page - STMicroelectronics L9654 Datasheet HTML 36Page - STMicroelectronics L9654 Datasheet HTML 37Page - STMicroelectronics L9654 Datasheet HTML 38Page - STMicroelectronics L9654 Datasheet HTML 39Page - STMicroelectronics L9654 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Functional description
L9654
36/59
DocID14218 Rev 3
Odd parity check includes all 16 bits. “Don’t care” bit is included in the parity check as well.
When bit D12 is set to ‘1’, device executes bit D12 through bit D0. Otherwise, bit D12
through bit D0 is ignored. Diagnostic Mode Response is sent in the subsequent SPI
transmission regardless of bit D12.
The diagnostic currents comprise of diagnostic bias current (IBIAS) and resistance
measurement current (ISRC). Diagnostic bias current is used to run continuity tests, e.g.
short to battery, short to ground, and open circuit tests. During a resistance measurement,
ISRC and ISINK is turned on.
ISRC and ISINK are turned on when bit D8 is ‘1’, bit D9 is ‘1’, bit D11 is ‘0’, and bit D12 is ‘1.’
Otherwise, ISRC and ISINK are off. When bit D11 is set to ‘1’, MOS diagnostic is enabled.
Depending upon the state of bit D10, either a low-side MOS or a high-side MOS is switched
on. When bit D 11 is set to ‘0’, MOS diagnostic is disabled and bit D10 ignored. When bit D9
is set to ‘1’, a diagnostic current source is enabled. Bit D8 determines if IBIAS or ISRC is
switched on. When bit D9 is set to ‘0’, the diagnostic current sources is disabled and bit D8
ignored. Bit D2 through bit D0 selects a specific channel, which is connected.
The decoding scheme of this channel selection is shown ahead.
It is possible to select current source and AOUT independently. Only one channel can
source a diagnostic current at a given time. AOUT is connected to one channel at one time
as well. The diagnostic current and AOUT can be connected to the same channel as well as
to different channels. In this configuration, a short between loop diagnostic can run.
Diagnostic of multiple devices requires the ability to turn on a current source in one device,
while reading AOUT voltage of another device. The differential amplifier reflects the scaled
voltage across SQH and SQL pins. AOUT is connected to the differential amplifier.
Externally, AOUT pin is connected to an ADC input of a processor. When bit D7 is set to ‘1’,
AOUT output is enabled. Otherwise, AOUT is in a high impedance state. Multiple devices
D9
0
Diagnostic Current Disable (default)
1
Diagnostic Current Enable
D8
0
Diagnostic Bias Current, IBIAS, Enable
1
Resistance Measurement Current, ISRC, Enable
D7
0
AOUT Disable (default)
1
AOUT Enable
D6
AOUT/Comparator Channel Select
D5
D4
D3
0
AOUT: Resistance Measurement (default)
1
AOUT: Calibration
D2
Diagnostic Current: Channel Select
D1
D0
Table 19. MOSI diagnostic mode message definition (continued)
Bit
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com