Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 23Page - STMicroelectronics L9654 Datasheet HTML 24Page - STMicroelectronics L9654 Datasheet HTML 25Page - STMicroelectronics L9654 Datasheet HTML 26Page - STMicroelectronics L9654 Datasheet HTML 27Page - STMicroelectronics L9654 Datasheet HTML 28Page - STMicroelectronics L9654 Datasheet HTML 29Page - STMicroelectronics L9654 Datasheet HTML 30Page - STMicroelectronics L9654 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
DocID14218 Rev 3
27/59
L9654
Functional description
58
Figure 14. Continuity diagnostic flow chart
4.10.3
Short to battery
A short to battery condition is detected when the voltage on SQH is greater than SBTH
threshold voltage.
4.10.4
Short to ground and open circuit
A short to ground or an open circuit condition is detected when the voltage on SQL is less
than SGTH threshold voltage. A resistance measurement is utilized to differentiate between
a short to ground or an open circuit condition.
4.10.5
Resistance measurement
During a resistance measurement, both ISRC and ISINK are switched on. An analog voltage
on AOUT pin is provided. AOUT pin is a 5V analog pin, which is connected to the ADC input
of a processor. This pin provides the resistance-measurement voltage, which corresponds
to the voltage difference across SQH and SQL according to the following formula:
Vaout = VDD/10 + Rsquib · Isrc · 10.
The accuracy in the range of Rsquib is classified as followings:
0 < Rsquib ≤ 3.5 Ω
±95 mV
3.5 < Rsquib ≤ 10 Ω ±5 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com