Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 14Page - STMicroelectronics L9654 Datasheet HTML 15Page - STMicroelectronics L9654 Datasheet HTML 16Page - STMicroelectronics L9654 Datasheet HTML 17Page - STMicroelectronics L9654 Datasheet HTML 18Page - STMicroelectronics L9654 Datasheet HTML 19Page - STMicroelectronics L9654 Datasheet HTML 20Page - STMicroelectronics L9654 Datasheet HTML 21Page - STMicroelectronics L9654 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Functional description
L9654
18/59
DocID14218 Rev 3
4
Functional description
4.1
Overview
L9654 is an integrated circuit to be used in air bag systems. Its main functions include
deployment of air bags, switched-power sources to satellite sensors, diagnostics of SDM
(Sensing Deployment Module) and arming inputs. L9654 supports 4 deployment loops, 2
satellite-sensor interfaces, and SPI arming inputs.
4.2
Power on reset (POR)
L9654 has a power on reset (POR) circuit, which monitors VDD voltage. When VDD voltage
falls below VRST for longer than or equal to tPOR, all outputs are disabled and all internal
registers are reset to their default condition.
When VDD falls below VRST_L, all outputs are disabled and all internal registers are reset to
their default condition. No delay filter shall be used along with VRST_L threshold.
If VDD voltage falls below VRST for less than tPOR, operation shall not be interrupted.
When VDD rises above VRST, the outputs are enabled. Before VDD reaches VRST, and during
tPOR, none of the outputs turn on.
4.3
RESETB
RESETB pin is active low. The effects of RESETB are similar to those of a POR event,
except during a deployment. When L9654 has a deployment in-progress, it ignores the
RESETB signal.
However, it shall shut itself down as soon as it detects a POR condition. When the
deployment is completed and the RESETB signal is asserted, the device disables its
outputs and resets its internal registers to their default states.
A de-glitch timer is provided to the RESETB pin. The timer protects this pin against spurious
glitches. UT48 neglects the RESETB signal if it is asserted for shorter than tGLITCH.
RESETB has an internal pull-up in case of open circuit. This pin has a de-glitch timer.
4.4
MSG
MSG pin is used to reflect the FIFO status. Its polarity can be configured as well as the
strategy of activation.
Polling mode: Message pin shall be active as soon as one of the 4 FIFO is not empty and
becomes inactive when all 4 FIFO are empty. A microcontroller can periodically monitor the
status of line to understand if there are data received from satellite.
Interrupt mode: Message pin shall be active as soon one of the 4 FIFO is not empty and
becomes inactive when an SPI communication on CS_S interface starts. At the end of the
SPI communication it shall be active if one of the 4 FIFO is not empty, otherwise it shall be
kept inactive. A microcontroller can wait until an edge is present on the line and manage the
data available in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com