Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 6Page - STMicroelectronics L9963T Datasheet HTML 7Page - STMicroelectronics L9963T Datasheet HTML 8Page - STMicroelectronics L9963T Datasheet HTML 9Page - STMicroelectronics L9963T Datasheet HTML 10Page - STMicroelectronics L9963T Datasheet HTML 11Page - STMicroelectronics L9963T Datasheet HTML 12Page - STMicroelectronics L9963T Datasheet HTML 13Page - STMicroelectronics L9963T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
3.2.1.2
NSLAVE
NSLAVE pin is latched by the standby logic in the Trimming & Config Latch state, 3TOSC_STBY after POR_MAIN
release. It must be either shorted to VDD or to GND. The internal pull-down is enabled only while in Trimming &
Config Latch state. This allows reducing power consumption. Once Trimming & Config Latch state is left, the
NSLAVE input buffer is permanently disabled, since it is no longer needed.
NSLAVE selects SPI Master (NSLAVE = 1) or Slave (NSLAVE = 0) operation and determines the Digital I/Os
configuration as described in Table 7.
To increase immunity to BCI and guarantee a correct latch of the NSLAVE pin during each power-up, the input is
filtered with an integrated RC filter having fCUT_DIG_IN cut frequency.
Figure 4. NSLAVE pin structure
3.2.1.3
DIS
DIS is a Digital Input-Output pin featuring an internal pull-up resistor towards V3V3_STBY. Its purpose is to be
driven by open-drain outputs. Its functionality is summarized as follows:
•
Input: it is an active high Disable input driven by the MCU:
–
When DIS is released by the MCU longer than TRC_DELAY +TDIS_DEGLITCH the device starts the Go To
Sleep sequence that will bring L9963T to Stand-by state (refer to L9963T FSM).
–
When DIS is pulled down by the MCU longer than TRC_DELAY + (1/ fSTBY_OSC) the device moves from
Stand-by state to Regulators enabling state and then to Normal state.
•
Output: when L9963T is in Stand-by state, and a wakeup event by isolated SPI occurs, it moves to
Regulators enabling state and then to Normal state. Once the latter is reached, DIS is internally pulled-
down by logic for TDIS_PULLDOWN in order to trigger an interrupt in the MCU or a wake up event on a PMIC.
After TDIS_PULLDOWN expires, DIS is released, and if not kept low by an external source, L9963T moves
back to Stand-by state.
To protect DIS internal open drain driver in case of external short to VDD, a current limitation circuitry limits the
current to IDIS_LIM.
L9963T
Pin configuration
DS13590 - Rev 4
page 10/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com