Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 20Page - STMicroelectronics L9963T Datasheet HTML 21Page - STMicroelectronics L9963T Datasheet HTML 22Page - STMicroelectronics L9963T Datasheet HTML 23Page - STMicroelectronics L9963T Datasheet HTML 24Page - STMicroelectronics L9963T Datasheet HTML 25Page - STMicroelectronics L9963T Datasheet HTML 26Page - STMicroelectronics L9963T Datasheet HTML 27Page - STMicroelectronics L9963T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
3.3.8
Electrical parameters - FSM
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: 4.5 V ≤ VVDD ≤
5.5 V ; -40 °C < Tj < 125 °C
Table 17. FSM electrical parameters
Symbol
Parameters
Test conditions
Min Typ Max Unit
TFIRST_POWERUP
Time needed to perform first power up sequence (refer
to L9963T FSM)
-
-
-
1.25 ms
TWAKEUP
Time from wake up detection to ISOL-ISOP ready to
transmit
-
-
-
1.06 ms
TGO2SLP
Time needed to perform a power down sequence (refer
to L9963T FSM)
-
-
-
400
μs
NMIN_ISO_WUP_EDGES -
Guaranteed by
SCAN
-
-
8
-
TWAKEUP_TIMEOUT_ISO
Timeout of the pulse counter for wake up detection
(isolated SPI)
Tested by SCAN
150
-
630
μs
3.4
Serial communication interface
L9963T integrates two communication interfaces:
•
SPI interface can be used for the local data exchange with a master MCU (NSLAVE = 0) or with a generic
slave IC (NSLAVE = 1). SPI electrical parameters are listed in Table 21.
•
Isolated SPI interface can be used for global/local isolated communication with another L9963T
or with an ISOLine compatible device (such as L9963). ISOLine electrical parameters are listed in
Section 3.4.4.1.1.1 Electrical parameters - ISO receiver and Section 3.4.4.1.2.1 Electrical parameters
- ISO transmitter.
The throughputs on the 2 communication interfaces are different and not related. The two interfaces can work at
the same time.
3.4.1
Frame input/output management
L9963T manages the asynchronicity and the different throughputs between SPI and ISOline (ISOline usually
slower than SPI). It does it by buffering the incoming frames into queues then propagating them outside when
possible.
Queues are managed according to their status (empty, not empty, full) and according to device I/Os.
L9963T mechanisms are frame-based but the device totally neglects frame’s contents, thus not performing any
protocol check.
The allowed frame length in terms of bits is not fixed, it can vary in the NBIT_PER_FRAME_RANGE range, on a frame
by frame basis.
3.4.1.1
Input from ISOline interface
The device detects the end of an incoming frame if no valid bit has been received for at least ISO_RX_EOF.
When the end of frame is detected, the frame is transferred into the RX queue as a single frame.
Being ISO_TX_IF greater than ISO_RX_EOF, a correct frame handling is guaranteed by design.
After the end of frame event, any new valid ISOLine bit must be considered as the first one of a new frame.
Any frame whose bit length is in the allowed NBIT_PER_FRAME_RANGE is stored into the RX queue.
The RX queue size is MAX_RX_QUEUE_FRAME_NUMBER frame. In case of FIFO full, any incoming frame
replaces the last received one.
3.4.1.2
Input from SPI interface
When the device is configured as SPI Slave (NSLAVE = 0), it detects the start of frame sensing the assertion of
NCS (chip select) and the end of frame sensing NCS deassertion.
L9963T
Serial communication interface
DS13590 - Rev 4
page 24/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com