Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 9Page - STMicroelectronics L9963T Datasheet HTML 10Page - STMicroelectronics L9963T Datasheet HTML 11Page - STMicroelectronics L9963T Datasheet HTML 12Page - STMicroelectronics L9963T Datasheet HTML 13Page - STMicroelectronics L9963T Datasheet HTML 14Page - STMicroelectronics L9963T Datasheet HTML 15Page - STMicroelectronics L9963T Datasheet HTML 16Page - STMicroelectronics L9963T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Figure 7. BNE/CPOL pin structure
3.2.1.6
TXEN/CPHA
TXEN_CPHA is a digital input pin whose configuration depends on the value of NSLAVE latched during
Trimming & Config Latch:
•
When NSLAVE = 0 (Slave Configuration) the pin works as transmitter enable input TXEN:
–
MCU should release TXEN (or pull it up actively) prior to NCS assertion in order to enable the
transmission of the data from SDI input buffer to the TX queue (and then to the isolated SPI interface).
◦
In case the communication protocol does not feature any burst read capability, each command
sent by the master unit will generate a single answer from the addressed slave unit. Hence TXEN
pin can be connected to VDD in order to keep the transmitter permanently enabled.
–
In case of burst read operations, where user SW has to empty the RX queue without transmitting any
frame on the isolated SPI, the TXEN input must be pulled down before beginning the burst read.
◦
Even if data on the SDI line is discarded while TXEN = 0, it is highly recommended that MCU
sends dummy frames (or intentionally corrupted frames) on the SDI line during the burst read.
In the event of TXEN stuck high, such frames will generate errors according to the implemented
communication protocol.
–
To avoid chopping frames currently being transmitted, the TXEN pin is latched upon NCS assertion.
Therefore, it must be stable at least TTXEN_DEGLITCH + TTXEN_SETUP before NCS assertion. Moreover,
TXEN must be kept stable TTXEN_HOLD after NCS assertion in order to fulfil hold time constraints.
L9963T
Pin configuration
DS13590 - Rev 4
page 13/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com