Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 29Page - STMicroelectronics L9963T Datasheet HTML 30Page - STMicroelectronics L9963T Datasheet HTML 31Page - STMicroelectronics L9963T Datasheet HTML 32Page - STMicroelectronics L9963T Datasheet HTML 33Page - STMicroelectronics L9963T Datasheet HTML 34Page - STMicroelectronics L9963T Datasheet HTML 35Page - STMicroelectronics L9963T Datasheet HTML 36Page - STMicroelectronics L9963T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Components Value Unit
Max.
Tolerance
Rating
Comments
DESD
-
-
-
-
The USBLC6-2SC6Y is the recommended ESD clamp device. It also
protects the circuitry from spikes caused by a sudden short to battery
on the global ISO lines. Care must be taken while routing the component
on the PCB in order to minimize inductive spikes upon ESD strikes. Refer
to the AN2689 - Protection of automotive electronics from electrical
hazards, guidelines for design and component selection, section 5 –
PCB layout recommendations.
TRANSF
-
-
-
3.75 kV The ESMIT-4180/A is recommended for isolated communication interface
4.2
ISO lines circuit – Capacitive-Based insulation
The capacitive-based insulation is recommended for local communication lines between different L9963T in a
centralized BMS. It helps reducing the bill of material, while still guaranteeing common mode filtering between
stacked devices.
Figure 17. Capacitive-Based ISO lines circuit
Table 28. Capacitive-Based ISO lines BOM
Components Value Unit
Max.
Tolerance
Rating
Comments
RTERM
60
Ω
10%
1/16 W
Termination resistance. Differential output signal amplitude can be
calculated with the following equation:
VISODIFF=VCOM× RTERM
RDIFF_ISO_OUT
CCM_KHZ
6.8
nF
10%
10 V
Filter common mode noise in the kHz range (inverter and other power
converters). Pole introduced is:
fcut_kℎz=
1
πCCM_KHZ× RISODIFF2+TTERM+7.2kΩ
Do not exceed 10 nF, otherwise common mode settling time upon ISO port
enable will last too long. Connect to AGND.
CISOP
47
nF
10%
100 V
Filters the common mode, while letting the differential mode pass. It acts
as a high-pass filter with a cutoff frequency of:
fcut=
1
2π RDIF_ISO_OUT
2 ∥RTERMO +RTERM ×CISOP
CISOM
47
nF
10%
100 V
Filters the common mode, while letting the differential mode pass. It acts
as a high-pass filter with a cutoff frequency of:
fcut=
1
2π RDIF_ISO_OUT
2 ∥RTERMO +RTERM ×CISOP
L9963T
ISO lines circuit – Capacitive-Based insulation
DS13590 - Rev 4
page 33/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com