Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 25Page - STMicroelectronics L9963T Datasheet HTML 26Page - STMicroelectronics L9963T Datasheet HTML 27Page - STMicroelectronics L9963T Datasheet HTML 28Page - STMicroelectronics L9963T Datasheet HTML 29Page - STMicroelectronics L9963T Datasheet HTML 30Page - STMicroelectronics L9963T Datasheet HTML 31Page - STMicroelectronics L9963T Datasheet HTML 32Page - STMicroelectronics L9963T Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Figure 15. Isolated SPI pulse shape and logical meaning
3.4.4.1
ISO communicator receiver and transmitter
An isolated receiver and transmitter are connected to the couple of pins and ISOP/M. Depending on the
communication phase, they can be enabled or disabled.
3.4.4.1.1
ISO communicator receiver
The receiver is able to convert a differential input signal into a single ended signal that is provided to the logic:
•
While in Normal state, in order to guarantee a correct communication, the input common mode must stand
within VCM_ISO_IN limits.
•
When in Stand-by state, the ISOP and ISOM pins are not biased with a common mode. If the device
receives a series of differential pulses longer than NMIN_ISO_WAKEUP_EDGES, a wake up condition is
triggered. Pulse amplitude must be higher than Wakeup_thr in order to be counted.
3.4.4.1.1.1
Electrical parameters - ISO receiver
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: 4.5 V ≤ VVDD ≤
5.5 V ; -40 °C < Tambient < 105 °C
Table 24. Isolated receiver electrical parameters
Symbol
Parameters
Test condition
Min Typ Max Unit
VDIFF_ISO_IN
Differential input voltage
threshold
|V(ISOP) – V(ISOM)|
VCM_ISO_IN = 0 V , VCM_ISO_IN = 1.4 V
180 250 320
mV
VCM_ISO_IN
Input voltage common mode
range
|V(ISOP) + V(ISOM)| /2 Design info
-
1.2
-
V
RISO_DIFF
Differential input resistance
VIF enabled, no communication Resistance
measured between ISOP and ISOM pins
5
-
15
kΩ
RISO_EXT
External termination resistance
connected between ISOxP and
ISOxM pins
Application info
-
120
-
Ω
IISO_LEAK
ISO input leakage current
0V < ISOP/M, ISOP/M < VDD
-
-
5
μA
TDET_MIN_WU
Minimum pulse duration to be
detected
Design info
50
-
-
ns
Wakeup_thr Wake up comparator threshold
|V(ISOP) – V(ISOM)|
80 150 230
mV
L9963T
Serial communication interface
DS13590 - Rev 4
page 29/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com