Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 14Page - STMicroelectronics L9963T Datasheet HTML 15Page - STMicroelectronics L9963T Datasheet HTML 16Page - STMicroelectronics L9963T Datasheet HTML 17Page - STMicroelectronics L9963T Datasheet HTML 18Page - STMicroelectronics L9963T Datasheet HTML 19Page - STMicroelectronics L9963T Datasheet HTML 20Page - STMicroelectronics L9963T Datasheet HTML 21Page - STMicroelectronics L9963T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
VSPICLKFREQ [V] (typ.)
Vcode [3:0]
SCLK Frequency
Circuit malfunction
0100
250 kHz
VCLKTH2 ≤ VSPICLKFREQ < VCLKTH3
0011
4 MHz
Circuit malfunction
0010
250 kHz
VCLKTH1 ≤ VSPICLKFREQ < VCLKTH2
0001
1 MHz
VSPICLKFREQ < VCLKTH1
0000
250 kHz
Refer to Table 15 for the recommended selection of the external pull down resistor.
Table 15. Recommended components for SPI clock frequency selection in master mode
SCLK Frequency
Recommended RSPICLKFREQ [kΩ]
RSPICLKFREQ Tolerance [%]
250 kHz
Short to GND
-
1 MHz
9.31
10
4 MHz
16.2
5
8 MHz
22.9
1
The 4 analog comparators are BISTed during Trimming & Config Latch and, in case the BIST fails, the slowest
SCLK configuration is chosen (250 kHz).
MCU is supposed to implement a communication timeout mechanism able to detect slower than normal
communication bit rate.
The biasing current ISPICLKFREQPU, the comparators and voltage divider are disabled once Trimming &
Config Latch is left, in order to avoid unnecessary power consumption.
Figure 11. SPICLKFREQ pin structure
L9963T
Pin configuration
DS13590 - Rev 4
page 18/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com