Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 32Page - STMicroelectronics L9963T Datasheet HTML 33Page - STMicroelectronics L9963T Datasheet HTML 34Page - STMicroelectronics L9963T Datasheet HTML 35Page - STMicroelectronics L9963T Datasheet HTML 36Page - STMicroelectronics L9963T Datasheet HTML 37Page - STMicroelectronics L9963T Datasheet HTML 38Page - STMicroelectronics L9963T Datasheet HTML 39Page - STMicroelectronics L9963T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
4.4
Managing ISOFREQ and TXAMP pin for communicating with L9963T
Both L9963T and L9963 feature the capability of communicating with different bit rate and amplitude settings. In
order to avoid losing frames upon bit rate/amplitude switching, the following indications must be followed:
•
To switch both devices from low to high frequency:
1.
Set ISOFREQ = 1
2.
Send the command programming L9963 iso_freq_sel bit to 0b11. L9963T will send the frame in low
frequency, but L9963 will answer back in high frequency. L9963T is already configured to receive
answers in high frequency and no data will be lost.
•
To switch both devices from high to low frequency:
1.
Set ISOFREQ = 0
2.
Send the command programming L9963 iso_freq_sel bit to 0b00. L9963T will send the frame in high
frequency, but L9963 will answer back in low frequency. L9963T is already configured to receive the
answers in low frequency and no data will be lost.
Switching the amplitude alters the communication SNR. In principle, L9963 and L9963T could correctly
communicate even if their amplitude settings are different. However, it is recommended to configure both devices
with the same amplitude in order to reach a robust SNR.
•
To switch both devices from low to high amplitude:
1.
Set TXAMP = 1
2.
Send the command programming L9963 out_res_tx_iso bit to 0b11. L9963T will send the frame with
low amplitude, but L9963 will answer back with high amplitude. L9963T is now configured to send
frames with high amplitude.
•
To switch both devices from high to low amplitude:
1.
Set TXAMP = 0
2.
Send the command programming L9963 out_res_tx_iso bit to 0b00. L9963T will send the frame with
high amplitude, but L9963 will answer back with low amplitude. L9963T is now configured to send
frames with low amplitude.
L9963T
Managing ISOFREQ and TXAMP pin for communicating with L9963T
DS13590 - Rev 4
page 36/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com