Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 21Page - STMicroelectronics L9963T Datasheet HTML 22Page - STMicroelectronics L9963T Datasheet HTML 23Page - STMicroelectronics L9963T Datasheet HTML 24Page - STMicroelectronics L9963T Datasheet HTML 25Page - STMicroelectronics L9963T Datasheet HTML 26Page - STMicroelectronics L9963T Datasheet HTML 27Page - STMicroelectronics L9963T Datasheet HTML 28Page - STMicroelectronics L9963T Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
In case the device is configured as SPI Master (NSLAVE = 1), L9963T directly manages the start/end of frame by
driving NCS and SCK according to the SPI parameters in Table 21.
Between the start and end of frame events, the incoming synchronous bit on SDI pin are accepted and, if
their number is in the allowed NBIT_PER_FRAME_RANGE range, the frame is stored into TX queue, provided
that the TXEN pin is high. In case of FIFO full and TXEN pin high the incoming frame replaces the last
received frame. In case the TXEN pin is latched low at the start of frame, the data incoming on SDI pin
is discarded and not stored into the TX queue. This typically happens when the MCU is performing a burst
read on the RX queue (e.g. after having issued a burst command to an L9963 device). The TX queue can
contain up to MAX_TX_QUEUE_FRAME_NUMBER frames. Such frames can have different length (within the
NBIT_PER_FRAME_RANGE). Frames with different length can be stored at the same time in the TX queue.
3.4.1.3
Output to ISOline interface
When the TX queue is not empty, the device transfers the frames not read yet towards the ISOline, following a
FIFO approach.
The propagation of the queued frames is done as soon as the ISOline is sensed IDLE, meaning that the
peripheral has finished transmitting previous frames from TX queue itself and it is not busy receiving frames from
outside.
Frames transmitted towards the ISOline are separated with an inter-frame delay ISO_TX_IF depending on the
frequency configuration:
•
8TBIT_LENGTH_FAST (ISOFREQISOFREQ = 1)
•
4TBIT_LENGTH_SLOW (ISOFREQ = 0)
Such an inter-frame delay is needed in order to guarantee a correct split between the different frames by the
ISOline receiver on the other communication side.
3.4.1.4
Output to SPI interface
3.4.1.4.1
Output to SPI interface in case of Master transceiver (NSLAVE = 1)
When the RX queue is not empty L9963T asserts the NCS pin towards the external Slave device and starts
sending out the RX queue content following a FIFO approach.
SCLK frequency has been latched while in Trimming & Config Latch and will not vary during device operation.
3.4.1.4.2
Output to SPI interface in case of Slave transceiver (NSLAVE = 0)
Whenever the RX queue is not empty (it contains at least a not-yet-read frame), the BNE pin must be set high in
order to perform interrupt based communication with the Master MCU.
As soon as the microprocessor asserts the NCS, L9963T starts sending out the RX queue content following a
FIFO approach. Each bit is sent synchronously with SCK provided by the microprocessor itself. The timings of
SDO with respect to SCK and NCS must follow the electrical characteristics listed in Table 21. In case RX queue
is empty (BNE = 0) and MCU still performs a read access, the SDO buffer is left in HiZ.
Values read by the MCU on its SDI pin depend on the external pull up/pull down resistor.
3.4.2
Communication parameters
Table 18. Communication parameters
Symbol
Parameters
Test conditions Min
Typ
Max Unit
NBIT_PER_FRAME_RANGE
Frame width
Design info
8
-
64
bit
MAX_TX_QUEUE_FRAME_NUMBER TX queue size
Design info
-
-
3
frame
MAX_RX_QUEUE_FRAME_NUMBER RX queue size
Design info
-
-
20
frame
ISO_IDLE
Minimum ISOline inactivity time,
measured in respect to the last valid
received bit. Marks the recognition of
the IDLE state. Must be always greater
than ISO_TX_IF to avoid TX conflicts.
ISOFREQ = 0
(Slow ISO)
11
13.75 16.5
μs
ISOFREQ = 1
(Fast ISO)
3.4
4.25
5.1
L9963T
Serial communication interface
DS13590 - Rev 4
page 25/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com