Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 13Page - STMicroelectronics L9963T Datasheet HTML 14Page - STMicroelectronics L9963T Datasheet HTML 15Page - STMicroelectronics L9963T Datasheet HTML 16Page - STMicroelectronics L9963T Datasheet HTML 17Page - STMicroelectronics L9963T Datasheet HTML 18Page - STMicroelectronics L9963T Datasheet HTML 19Page - STMicroelectronics L9963T Datasheet HTML 20Page - STMicroelectronics L9963T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
3.2.1.8.2.2
Open drain (DIS)
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: 4.5 V ≤ VVDD ≤
5.5 V ; -40 °C < Tj < 125 °C
Table 13. Open drain electrical characteristics
Symbol
Parameters
Test conditions
Min Typ Max Unit
VDISL
-
DIS output level when the pull
down stage is ON IDIS = 5 mA
-
-
0.4
V
IDIS_LIM
-
DIS output current limitation for
VDIS = 5 V
8
-
18
mA
TDIS_PULLDOWN
Time interval after POR_MAIN when DIS pin is
internally pulled-down, upon a wake up by VIF.
Purpose is to trigger interrupt in the MCU or wake
up on a PMIC.
Guaranteed by SCAN
-
800
-
ms
TDIS_DEGLITCH
Up/Reset counter to avoid positive glitches on DIS
input when the L9963T is in Normal state. The
counter counts up if DIS = 1, while it is reset if DIS =
0.
Guaranteed by SCAN
1
2
3
μs
3.2.2
Analog input
3.2.2.1
SPICLKFREQ
SPICLKFREQ pin is an analog input, compared to four thresholds by a set of analog comparators.
An external resistor RCLKPD must be connected between SPICLKFREQ and GND, in order to generate a voltage
VSPICLKFREQ = RCLKPD * ISPICLKFREQPU.
The code obtained from these 4 comparators outputs (as indicated in the following table) is latched in the
Trimming & Config Latch to determine the SPI Clock frequency when L9963T works in Master mode (NSLAVE
= 1).
Figure 10. SPICLKFREQ thresholds
Table 14. SPICLKFREQ thresholds
VSPICLKFREQ [V] (typ.)
Vcode [3:0]
SCLK Frequency
VSPICLKFREQ ≥ VCLKTH4
1111
250 kHz
Circuit malfunction
1110
250 kHz
1101
250 kHz
1100
250 kHz
1011
250 kHz
1010
250 kHz
1001
250 kHz
1000
250 kHz
VCLKTH3 ≤ VSPICLKFREQ < VCLKTH4
0111
8 MHz
Circuit malfunction
0110
250 kHz
0101
250 kHz
L9963T
Pin configuration
DS13590 - Rev 4
page 17/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com